Electronic Components Datasheet Search
  English  ▼

X  

SBOU004 Datasheet(PDF) 12 Page - Texas Instruments

Part # SBOU004
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SBOU004 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SBOU004 Datasheet HTML 8Page - Texas Instruments SBOU004 Datasheet HTML 9Page - Texas Instruments SBOU004 Datasheet HTML 10Page - Texas Instruments SBOU004 Datasheet HTML 11Page - Texas Instruments SBOU004 Datasheet HTML 12Page - Texas Instruments SBOU004 Datasheet HTML 13Page - Texas Instruments SBOU004 Datasheet HTML 14Page - Texas Instruments SBOU004 Datasheet HTML 15Page - Texas Instruments SBOU004 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
OPA2822
12
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
–75
–80
–85
–90
–95
–100
–105
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1k
2nd-Harmonic
3rd-Harmonic
See Figure 3
V
O = 2VPP
f = 1MHz
–60
–70
–80
–90
–100
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
110
2nd-Harmonic
3rd-Harmonic
See Figure 3
V
O = 2VPP
R
L = 200Ω
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
–85
–90
–95
–100
–105
R
L = 200Ω
f = 1MHz
2nd-Harmonic
3rd-Harmonic
See Figure 3
2-TONE, 3rd-ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
110
20
50
45
40
35
30
25
20
1/2
OPA2822
50
Ω
P
I
50
Ω
402
Ω
+5V
804
Ω
804
Ω
402
Ω
P
O
57.6
Ω
0.1
µF
0.1
µF
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
1
0.5
0
–0.5
–1
10
5
0
–5
–10
Input Offset Voltage
10x Input Offset Current
Input Bias Current
SUPPLY AND OUTPUT CURRENT
vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
200
175
150
125
100
12
11
10
9
8
7
6
Sourcing Output Current
Left Scale
Sinking Output Current
Left Scale
Supply Current
(both channels)
Right Scale
Current Limited Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com