Electronic Components Datasheet Search
  English  ▼

X  

SBOU007 Datasheet(PDF) 16 Page - Texas Instruments

Part # SBOU007
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SBOU007 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SBOU007 Datasheet HTML 12Page - Texas Instruments SBOU007 Datasheet HTML 13Page - Texas Instruments SBOU007 Datasheet HTML 14Page - Texas Instruments SBOU007 Datasheet HTML 15Page - Texas Instruments SBOU007 Datasheet HTML 16Page - Texas Instruments SBOU007 Datasheet HTML 17Page - Texas Instruments SBOU007 Datasheet HTML 18Page - Texas Instruments SBOU007 Datasheet HTML 19Page - Texas Instruments SBOU007 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
OPA3692
SBOS228E
16
www.ti.com
DISABLE OPERATION
The OPA3692 provides an optional disable feature that can
be used either to reduce system power or to implement a
simple channel multiplexing operation. If the DIS control pin
is left unconnected, the OPA3692 operates normally. To
disable, the control pin must be asserted LOW. Figure 8
shows a simplified internal circuit for the disable control
feature.
In normal operation, base current to Q1 is provided through the
110k
Ω resistor while the emitter current through the 15kΩ
resistor sets up a voltage drop that is inadequate to turn on the
two diodes in the Q1 emitter. As V
DIS is pulled LOW, additional
current is pulled through the 15k
Ω resistor, eventually turning
on these two diodes (
≈ 75µA). At this point, any additional
current pulled out of V
DIS goes through those diodes holding
the emitter-base voltage of Q1 at approximately 0V. This shuts
off the collector current out of Q1, turning the amplifier off. The
supply current in the disable mode is only what is required to
operate the circuit of Figure 8. Additional circuitry ensures that
turn-on time occurs faster than turn-off time (make-before-
break).
When disabled, the output and input nodes go to a high-
impedance state. If the OPA3692 is operating in a gain of +1,
this shows a very high impedance (2pF || 1M
Ω) at the output
and exceptional signal isolation. If operating at a gain of +2, the
total feedback network resistance (RF + RG) will appear as the
impedance looking back into the output, but the circuit will still
show very high forward and reverse isolation. If configured as
an inverting amplifier, the input and output will be connected
through the feedback network resistance (RF + RG) giving
relatively poor input to output isolation.
25k
Ω
110k
Ω
15k
Ω
I
S
Control
–V
S
+V
S
V
DIS
Q1
FIGURE 8. Simplified Disable Control Circuit.
One key parameter in disable operation is the output glitch
when switching in and out of the disabled mode. Typical
Characteristics show these glitches for the circuit of Figure 1
with the input signal set to 0V. The glitch waveform at the
output pin is plotted along with the DIS pin voltage.
The transition edge rate (dV/dt) of the DIS control line
influences this glitch. For the curve,
Disable/Enable Glitch,
shown in the Typical Characteristics, the edge rate was
reduced until no further reduction in glitch amplitude was
observed. This approximately 1V/ns maximum slew rate can
be achieved by adding a simple RC filter into the V
DIS pin
from a higher speed logic line. If extremely fast transition
logic is used, a 2k
Ω series resistor between the logic gate
and the DIS input pin provides adequate bandlimiting using
just the parasitic input capacitance on the DIS pin while still
ensuring an adequate logic level swing.
THERMAL ANALYSIS
Due to the high output power capability of the OPA3692,
heatsinking or forced airflow may be required under extreme
operating conditions. Maximum desired junction temperature
will set the maximum allowed internal power dissipation as
described following. In no case should the maximum junction
temperature be allowed to exceed 175
°C.
Operating junction temperature (TJ) is given by TA + PD • θJA.
The total internal power dissipation (PD) is the sum of quies-
cent power (PDQ) and additional power dissipated in the output
stage (PDL) to deliver load power. Quiescent power is simply
the specified no-load supply current times the total supply
voltage across the part. PDL depends on the required output
signal and load but, for a grounded resistive load, be at a
maximum when the output is fixed at a voltage equal to
1/2 of either supply voltage (for equal bipolar supplies). Under
this condition PDL = VS2/(4 • RL), where RL includes feedback
network loading.
Note that it is the power in the output stage and not in the
load that determines internal power dissipation.
As a worst-case example, compute the maximum TJ using an
OPA3692 in the circuit of Figure 1 operating at the maximum
specified ambient temperature of +85
°C with all three outputs
driving a grounded 100
Ω load to +2.5V:
PD = 10V • 17.4mA + 3 (52/(4 • (100Ω || 804Ω)) = 384mW
Maximum TJ = +85°C + (0.384W • 100°C/W) = 123.4°C
This worst-case condition is within the maximum junction
temperature. Normally, this extreme case is not encountered.
Careful attention to internal power dissipation is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com