Electronic Components Datasheet Search
  English  ▼

X  

OPA693IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA693IDBVR
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA693IDBVR Datasheet HTML 4Page - Texas Instruments OPA693IDBVR Datasheet HTML 5Page - Texas Instruments OPA693IDBVR Datasheet HTML 6Page - Texas Instruments OPA693IDBVR Datasheet HTML 7Page - Texas Instruments OPA693IDBVR Datasheet HTML 8Page - Texas Instruments OPA693IDBVR Datasheet HTML 9Page - Texas Instruments OPA693IDBVR Datasheet HTML 10Page - Texas Instruments OPA693IDBVR Datasheet HTML 11Page - Texas Instruments OPA693IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
OPA693
8
SBOS285A
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
At TA = +25°C, G = +2, and RL = 100Ω, unless otherwise specified.
−60
−65
−70
−75
−80
−85
−90
−95
−100
50
100
500
Load Resistance (
Ω)
10MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
G = +2
f = 10MHz
V
O = 2VPP
See Figure 1
2nd Harmonic
3rd Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (
±V)
10MHz HARMONIC DISTORTION
vs SUPPLY VOLTAGE
G = +2
R
L = 100Ω
V
O = 2VPP
See Figure 1
2nd Harmonic
3rd Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
0.5
1
10
50
Frequency (MHz)
G = +2 HARMONIC DISTORTION vs FREQUENCY
R
L = 100Ω
V
O = 2VPP
2nd Harmonic
3rd Harmonic
See Figure 1
−60
−65
−70
−75
−80
−85
−90
−95
−100
0.5
1
5
Output Voltage (V
PP)
10MHz HARMONIC DISTORTION
vs OUTPUT VOLTAGE
G = +2
R
L = 100Ω
f = 10MHz
See Figure 1
2nd Harmonic
3rd Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
0.5
1
10
50
Frequency (MHz)
G = +1 HARMONIC DISTORTION vs FREQUENCY
R
L = 100Ω
V
O = 2VPP
See Figure 2
2nd Harmonic
3rd Harmonic
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
0.5
1
10
50
Frequency (MHz)
G = –1 HARMONIC DISTORTION vs FREQUENCY
R
L = 100Ω
V
O = 2VPP
See Figure 3
2nd Harmonic
3rd Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com