Electronic Components Datasheet Search
  English  ▼

X  

OPA843IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA843IDBVT
Description  Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA843IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA843IDBVT Datasheet HTML 4Page - Texas Instruments OPA843IDBVT Datasheet HTML 5Page - Texas Instruments OPA843IDBVT Datasheet HTML 6Page - Texas Instruments OPA843IDBVT Datasheet HTML 7Page - Texas Instruments OPA843IDBVT Datasheet HTML 8Page - Texas Instruments OPA843IDBVT Datasheet HTML 9Page - Texas Instruments OPA843IDBVT Datasheet HTML 10Page - Texas Instruments OPA843IDBVT Datasheet HTML 11Page - Texas Instruments OPA843IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
OPA843
8
SBOS268C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +5, RF = 402Ω, RG = 100Ω, and RL = 100Ω, unless otherwise noted.
SETTLING TIME
Time (ns)
0
5
10
15
20
25
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
R
L = 100Ω
V
O = 2V step
G = +5
See Figure 1
VIDEO DIFFERENTIAL GAIN/DIFFERENTIAL PHASE
Video Loads (150
Ω each)
12
3
4
5
0.02
0.015
0.01
0.005
0
0.1
0.075
0.05
0.025
0
G = +4
dP, Negative Video
dG, Positive Video
dP, Positive Video
dG, Negative Video
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
1
0.5
0
–0.5
–1
25
12.5
0
–12.5
–25
V
IO
I
B
100 x I
OS
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
110
106
102
98
94
90
22
21
20
19
18
17
Supply Current
Sourcing Output Current
Sinking Output Current
COMMON-MODE INPUT RANGE AND OUTPUT SWING
vs SUPPLY VOLTAGE
Supply Voltage (
±V)
34
5
6
6
4
2
0
–2
–4
–6
Positive Output
Negative Input
Negative Output
Positive Input
COMMON-MODE AND DIFFERENTIAL
INPUT IMPEDANCE
Frequency (Hz)
103
104
105
106
107
108
107
106
105
104
103
102
Common-Mode
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com