Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA875 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 9Page - Texas Instruments OPA875 Datasheet HTML 10Page - Texas Instruments OPA875 Datasheet HTML 11Page - Texas Instruments OPA875 Datasheet HTML 12Page - Texas Instruments OPA875 Datasheet HTML 13Page - Texas Instruments OPA875 Datasheet HTML 14Page - Texas Instruments OPA875 Datasheet HTML 15Page - Texas Instruments OPA875 Datasheet HTML 16Page - Texas Instruments OPA875 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
BOARD LAYOUT GUIDELINES
e =
n
e +(i R ) +4kTR
n
S
b
S
2
2
(7)
THERMAL ANALYSIS
P =10Vx11mA+(5 [4x(100
||804 ) ] )=180mW
D
W
W
2
MaximumT =+85 C+(0.18mWx140°C/W)=110°C
J
°
OPA875
www.ti.com ............................................................................................................................................ SBOS340C – DECEMBER 2006 – REVISED AUGUST 2008
Dividing this expression by the device gain (2V/V)
gives the equivalent input-referred spot noise voltage
Achieving
optimum
performance
with
a
high
at the noninverting input as shown in Equation 7.
frequency amplifier such as the OPA875 requires
careful attention to board layout parasitics and
external component types. Recommendations that
will optimize performance include:
Evaluating these two equations for the OPA875
circuit and component values shown in Figure 30
a) Minimize parasitic capacitance to any AC
gives a total output spot noise voltage of 13.6nV/
√Hz
ground for all of the signal I/O pins. Parasitic
and a total equivalent input spot noise voltage of
capacitance on the output pin can cause instability:
6.8nV/
√Hz.
This
total
input-referred
spot
noise
on the noninverting input, it can react with the source
voltage is higher than the 6.7nV/
√Hz specification for
impedance to cause unintentional bandlimiting. To
the mux voltage noise alone. This number reflects the
reduce unwanted capacitance, a window around the
noise added to the output by the bias current noise
signal I/O pins should be opened in all of the ground
times the source resistor.
and power planes around those pins. Otherwise,
ground and power planes should be unbroken
elsewhere on the board.
Heatsinking or forced airflow may be required under
b) Minimize the distance (< 0.25") from the
extreme
operating
conditions.
Maximum
desired
power-supply
pins
to
high
frequency
0.1
µF
junction temperature will set the maximum allowed
decoupling capacitors. At the device pins, the
internal power dissipation as discussed in this
ground and power plane layout should not be in close
document. In no case should the maximum junction
proximity to the signal I/O pins. Avoid narrow power
temperature be allowed to exceed +150°C.
and ground traces to minimize inductance between
the
pins
and
the
decoupling
capacitors.
The
Operating junction temperature (TJ) is given by TA +
power-supply connections (on pins 9, 11, 13, and 15)
PD × θJA. The total internal power dissipation (PD) is
should always be decoupled with these capacitors.
the sum of quiescent power (PDQ) and additional
An optional supply decoupling capacitor across the
power dissipated in the output stage (PDL) to deliver
two power supplies (for bipolar operation) will improve
load power. Quiescent power is simply the specified
2nd-harmonic distortion performance. Larger (2.2
µF
no-load supply current times the total supply voltage
to 6.8
µF) decoupling capacitors, effective at lower
across the part. PDL depends on the required output
frequency, should also be used on the main supply
signal and load but, for a grounded resistive load, be
pins. These may be placed somewhat farther from
at a maximum when the output is fixed at a voltage
the device and may be shared among several
equal to 1/2 of either supply voltage (for equal bipolar
devices in the same area of the PCB.
supplies). Under this condition PDL = VS
2/(4 × R
L),
where RL includes feedback network loading.
c) Careful selection and placement of external
components will preserve the high-frequency
Note that it is the power in the output stage and not in
performance of the OPA875. Resistors should be a
the load that determines internal power dissipation.
very low reactance type. Surface-mount resistors
As a worst-case example, compute the maximum TJ
work best and allow a tighter overall layout. Metal-film
using an OPA875IDGK in the circuit of Figure 30
and carbon composition, axially leaded resistors can
operating
at
the
maximum
specified
ambient
also
provide
good
high-frequency
performance.
temperature of +85°C with its outputs driving a
Again, keep the leads and PCB trace length as short
grounded 100
Ω load to +2.5V:
as possible. Never use wirewound type resistors in a
high-frequency
application.
Other
network
components, such as noninverting input termination
resistors, should also be placed close to the package.
This worst-case condition does not exceed the
d) Connections to other wideband devices on the
maximum
junction
temperature.
Normally,
this
board may be made with short direct traces or
extreme case is not encountered. Careful attention to
through onboard transmission lines. For short
internal power dissipation is required.
connections, consider the trace and the input to the
next device as a lumped capacitive load. Relatively
wide traces (50mils to 100mils) should be used,
preferably with ground and power planes opened up
around them.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com