Electronic Components Datasheet Search
  English  ▼

X  

OPA685 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA685
Description  Very Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA685 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA685 Datasheet HTML 9Page - Texas Instruments OPA685 Datasheet HTML 10Page - Texas Instruments OPA685 Datasheet HTML 11Page - Texas Instruments OPA685 Datasheet HTML 12Page - Texas Instruments OPA685 Datasheet HTML 13Page - Texas Instruments OPA685 Datasheet HTML 14Page - Texas Instruments OPA685 Datasheet HTML 15Page - Texas Instruments OPA685 Datasheet HTML 16Page - Texas Instruments OPA685 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
OPA683
13
SBOS221E
www.ti.com
into this midpoint voltage bias. The input voltage can swing
to within 1.25V of either supply pin, giving a 2.5VPP input
signal range centered between the supply pins. The input
impedance of Figure 3 is set to give a 50
Ω input match. If the
source does not require a 50
Ω match, remove this and drive
directly into the blocking capacitor. The source will then see
the 6.25k
Ω load of the biasing network. The gain resistor
(RG) is AC-coupled, giving the circuit a DC gain of +1—which
puts the noninverting input DC bias voltage (2.5V) on the
output as well. The feedback resistor value has been ad-
justed from the bipolar supply condition to re-optimize for a
flat frequency response in +5V only, gain of +2 operation. On
a single +5V supply, the output voltage can swing to within
1.0V of either supply pin while delivering more than 50mA
output current giving 3VPP output swing into an AC-coupled
100
Ω load if required (8dBm maximum at the matched load).
The circuit of Figure 3 shows a blocking capacitor driving into
a 1k
Ω load resistor. Alternatively, the blocking capacitor
could be removed if the load is tied to a supply midpoint or
to ground if the DC current required by the load is accept-
able.
Figure 4 shows the AC-coupled, single +5V supply, gain of
–1V/V circuit configuration used as a basis for the +5V only
Typical Characteristics. In this case, the midpoint DC bias on
the noninverting input is also decoupled with an additional
0.1
µF decoupling capacitor. This reduces the source imped-
ance at higher frequencies for the noninverting input bias
current noise. This 2.5V bias on the noninverting input pin
appears on the inverting input pin and, since RG is DC
blocked by the input capacitor, will also appear at the output
pin. One advantage to inverting operation is that since there
is no signal swing across the input stage, higher slew rates
and operation to even lower supply voltages is possible. To
retain a 1VPP output capability, operation down to a 3V
supply is allowed. At a +3V supply, the input stage is
saturated, but for the inverting configuration of a current-
feedback amplifier, wideband operation is retained even
under this condition.
The circuits of Figure 3 and 4 show single-supply operation
at +5V. These same circuits may be used up to single
supplies of +12V with minimal changes in the performance of
the OPA683.
LOW POWER, VIDEO LINE DRIVER
APPLICATIONS
For low power, video line driving, the OPA683 provides the
output current and linearity to support multiple load compos-
ite video signals. Figure 5 shows a typical
±5V supply video
line driver application. The improved 2nd-harmonic distortion
of the CFBplus architecture, along with the OPA683’s high
output current and voltage, gives exceptional differential gain
and phase performance in a very low power solution. As the
Typical Characteristics show, a single video load shows a
dG/dP of 0.06%/0.03
°. Multiple loads may also be driven with
< 0.15%/0.1
° dG/dP for up to 4 parallel video loads where the
amplifier is driving an equivalent load of 37.5
Ω.
R
F
1.4k
Ω
OPA683
+5V
DIS
50
Ω Source
0.1
µF
6.8
µF
+
12.5k
Ω
2.5V
12.5k
Ω
50
Ω
R
G
1.4k
Ω
0.1
µF
0.1
µF
0.1
µF
V
I
V
O
1k
Ω
FIGURE 3. AC-Coupled, G = +2V/V, Single-Supply, Specifi-
cation and Test Circuit.
R
F
1.4k
Ω
OPA683
+5V
DIS
50
Ω Source
0.1
µF
0.1
µF
2.5V
6.8
µF
+
R
G
1.4k
Ω
12.5k
Ω
12.5k
Ω
V
I
0.1
µF
52.3
Ω
0.1
µF
V
O
1k
Ω
FIGURE 4. AC-Coupled, G = –1V/V, Single-Supply, Specifi-
cation and Test Circuit.
1.2k
Ω
OPA683
+5V
DIS
–5V
75
Ω
75
Ω
1.2k
Ω
75
Ω Load
Supply Decoupling not shown.
Coax
VIDEO
IN
FIGURE 5. Gain of +2 Video Cable Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com