Electronic Components Datasheet Search
  English  ▼

X  

PCM2912 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2912 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 18Page - Texas Instruments PCM2912 Datasheet HTML 19Page - Texas Instruments PCM2912 Datasheet HTML 20Page - Texas Instruments PCM2912 Datasheet HTML 21Page - Texas Instruments PCM2912 Datasheet HTML 22Page - Texas Instruments PCM2912 Datasheet HTML 23Page - Texas Instruments PCM2912 Datasheet HTML 24Page - Texas Instruments PCM2912 Datasheet HTML 25Page - Texas Instruments PCM2912 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
www.ti.com
Microphone Amplifier
Input PGA
Sidetone Programmable Attenuator
Output Programmable Attenuator
VCOM1 and VCCM2
Filter Pins
DAC
VCOM
10kW
20kW
FR/FL
Cf
SideTone
–
+
20kW
10kW
PCM2912
SLES216 – FEBRUARY 2008
The PCM2912 has the low-noise, single-ended mono microphone amplifier with mute function which is controlled
by MUTE (pin 30). The signal gain is selectable by MAMP (pin 23). The noise level at input node is 5
µVrms, and
the input impedance is 20 k
Ω.
The PCM2912 has the low-noise input programmable gain amplifier (PGA) for the microphone amplifier
output/ADC input, whose gain range is +30 dB to –12 dB in 1dB/step.
The PCM2912 has the low-noise, sidetone programmable attenuator with mute function for the sidetone signal
path (microphone amplifier output to output PGA input), whose gain range is 0 dB to –76 dB in 1 dB/step.
The PCM2912 has the low-noise output programmable attenuator with mute function for mixed signal, which
affects DAC output signal and sidetone signal. The output PGA gain range is 0 dB to –76 dB in 1 dB/step.
VCOM2 (pin 12) is provided for the center voltage of a headphone amplifier. VCOM1 (pin 11) is provided for the
center voltage of all other analog circuit. Each VCOM pin must be decoupled with an appropriate capacitor.
Because the headphone output is disconnected when entering the suspend state, determining the capacitance is
important to prevent the pop-noise, especially for the VCOM2 (pin 12). The equivalent resistance of VCOM2 is 500
k
Ω, and VCOM1 is 15 kΩ.
FL (pin 9) and FR (pin 10) are provided to make an LPF to decrease the DAC outband noise.
This is optional.
Figure 32. Filter Circuit
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com