Electronic Components Datasheet Search
  English  ▼

X  

PCM5100 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM5100
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM5100 Datasheet HTML 20Page - Texas Instruments PCM5100 Datasheet HTML 21Page - Texas Instruments PCM5100 Datasheet HTML 22Page - Texas Instruments PCM5100 Datasheet HTML 23Page - Texas Instruments PCM5100 Datasheet HTML 24Page - Texas Instruments PCM5100 Datasheet HTML 25Page - Texas Instruments PCM5100 Datasheet HTML 26Page - Texas Instruments PCM5100 Datasheet HTML 27Page - Texas Instruments PCM5100 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
3.3V
XSMT
I
2
S Clocks
SCK, BCK, LRCK
150t + 0.2ms
S
VDD
0V
High
Low
High
Low
Time
PCM5100, PCM5101, PCM5102
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
www.ti.com
Recommended Powerdown Sequence
With inadequate system design, the PCM510x can exhibit some pop on power down. Pops are caused by the
device not having enough time to detect power loss and start the muting process.
The PCM510x evaluation board avoids audible pop with an electrolytic decoupling capacitor. This capacitor
provides enough time between data loss from USB or S/PDIF and power supply loss for the muting process to
take place.
The PCM510x has two auto-mute functions to mute the device upon power loss (intentional or unintentional).
XSMT = 0
When the XSMT pin is pulled low, the incoming PCM data is attenuated to 0, closely followed by a hard analog
mute. This process takes 150 sample times (ts) + 0.2mS.
As this mute time is mainly dominated by the sampling frequency, systems sampling at 192kHz will mute much
faster than a 48kHz system.
Clock Error Detect
When clock error is detected on the incoming data clock, the PCM510x family switches to an internal oscillator,
and continues to the drive the DAC, while attenuating the data from the last known value. Once this process is
complete, the PCM510x outputs will be hard muted to ground.
Planned Shutdown
These auto-muting processes can be manipulated by system designs to mute before power loss in the following
ways:
1. Assert XSMT low 150tS + 0.2mS before power is removed.
24
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com