Electronic Components Datasheet Search
  English  ▼

X  

PTH12020WAS Datasheet(PDF) 8 Page - Texas Instruments

Part # PTH12020WAS
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12020WAS Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH12020WAS Datasheet HTML 4Page - Texas Instruments PTH12020WAS Datasheet HTML 5Page - Texas Instruments PTH12020WAS Datasheet HTML 6Page - Texas Instruments PTH12020WAS Datasheet HTML 7Page - Texas Instruments PTH12020WAS Datasheet HTML 8Page - Texas Instruments PTH12020WAS Datasheet HTML 9Page - Texas Instruments PTH12020WAS Datasheet HTML 10Page - Texas Instruments PTH12020WAS Datasheet HTML 11Page - Texas Instruments PTH12020WAS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
PTH12020x
14
5
6
GND
GN D
10
9
8
7
GND
VO Sense
VOUT
VO Adj
RSET, 1%
VO Sense
VOUT
COUT
330 mF
Equation 1. Output Voltage Adjust
Rset + 10 kW
0.8 V
Vout * Vmin
* Rs kW
(1)
PTH12020W/L
SLTS208I – MAY 2003 – REVISED MARCH 2009 ............................................................................................................................................................. www.ti.com
The VOAdjust control (pin 4) sets the output voltage of the PTH12020W/L. The adjustment range is from 1.2 V to
5.5V for the W-suffix modules, and 0.8V to 1.8V for L-suffix modules. The adjustment method requires the
addition of a single external resistor, RSET, that must be connected directly between the VOAdjust and GND
pins(1). Table 1 gives the standard value of the external resistor for a number of standard voltages, along with the
actual output voltage that this resistance value provides. For other output voltages the value of the required
resistor can either be calculated using Equation 1, or simply selected from the range of values given in Table 3.
Figure 11 shows the placement of the required resistor.
Table 1. Standard Values of Rset for Standard Output Voltages
PTH12020W
PTH12020L
VO(V)
VO(V)
VO(V)
RSET (kΩ)
RSET (kΩ)
(Req'd)
(Actual)
(Actual)
5 V
0.280
5.009
N/A
N/A
3.3 V
2.0
3.294
N/A
N/A
2.5 V
4.32
2.503
N/A
N/A
2 V
8.06
2.010
N/A
N/A
1.8 V
11.5
1.801
0.130
1.800
1.5 V
24.3
1.506
3.57
1.499
1.2 V
Open
1.200
12.1
1.201
1.1 V
N/A
N/A
18.7
1.101
1.0 V
N/A
N/A
32.4
0.999
0.9 V
N/A
N/A
71.5
0.901
0.8 V
N/A
N/A
Open
0.800
(1)
Use a 0.05-W, 1% tolerance with temperature stability of 100 ppm/°C (or better) for Rset. Place the resistor directly
between pins 4 and 7 using dedicated PCB traces.
(2)
Never connect capacitors from VOAdjust to either GND or VO. Any capacitance added to the VOAdjust pin will affect
the stability of the regulator.
Figure 11. Vo Adjust Resistor Placement
Use Equation 1 to calculate the adjust resistor value. See Table 2 for parameters, Rs and Vmin.
Table 2. Adjust Equation Parameters
PARAMETER
PTH12020W
PTH12020L
V(MIN)
1.2 V
0.8 V
RS
1.82 k
Ω
7.87 k
Ω
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s) :PTH12020W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com