Electronic Components Datasheet Search
  English  ▼

X  

PTH12030WAS Datasheet(PDF) 8 Page - Texas Instruments

Part # PTH12030WAS
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12030WAS Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH12030WAS Datasheet HTML 4Page - Texas Instruments PTH12030WAS Datasheet HTML 5Page - Texas Instruments PTH12030WAS Datasheet HTML 6Page - Texas Instruments PTH12030WAS Datasheet HTML 7Page - Texas Instruments PTH12030WAS Datasheet HTML 8Page - Texas Instruments PTH12030WAS Datasheet HTML 9Page - Texas Instruments PTH12030WAS Datasheet HTML 10Page - Texas Instruments PTH12030WAS Datasheet HTML 11Page - Texas Instruments PTH12030WAS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
NOTES
Equation 1. Output Voltage Adjust
R
=10k
x
SET
W
0.8V
-R
k
S
W
V
-V
O
min
(1)
PTH12030W/L
SLTS211H – MAY 2003 – REVISED DECEMBER 2008 .................................................................................................................................................... www.ti.com
The VOAdjust control (pin 5) sets the output voltage of the PTH12030W/L. The adjustment range is 1.2V to 5.5V
for the W-suffix modules, and 0.8V to 1.8V for L-suffix modules. The adjustment method requires the addition of
a single external resistor, RSET, that must be connected directly between the VOAdjust and GND pins
(1). Table 1
gives the standard value of the external resistor for a number of standard voltages, along with the actual output
voltage that this resistance value provides. For other output voltages the required resistor can either be
calculated using Equation 1, or simply selected from the range of values given in Table 3. Figure 10 shows the
placement of the required resistor.
Table 1. Standard Values of RSET for Standard Output Voltages
PTH12030W
PTH12030L
VO (Required) (V)
RSET (kΩ)
VO (Actual) (V)
RSET(kΩ)
VO (Actual) (V)
5
0.280
5.009
N/A
N/A
3.3
2
3.294
N/A
N/A
2.5
4.32
2.503
N/A
N/A
2
8.06
2.01
N/A
N/A
1.8
11.5
1.801
0.130
1.8
1.5
24.3
1.506
3.57
1.499
1.2
Open
1.2
12.1
1.201
1.1
N/A
N/A
18.7
1.101
1
N/A
N/A
32.4
0.999
0.9
N/A
N/A
71.5
0.901
0.8
N/A
N/A
Open
0.8
Figure 10. Vo Adjust Resistor Placement
1. RSET: Use a 0.05 W resistor with a tolerance of 1% and temperature stability of 100 ppm/C (or better).
Connect the resistor directly between pins 5 and 7, as close to the regulator as possible, using dedicated
PCB traces.
2. Never connect capacitors from VOAdjust to either GND or VO. Any capacitance added to the VO Adjust pin
affects the stability of the regulator.
Use Equation 1 to calculate the adjust resistor value. See Table 2 for parameters, RS and Vmin.
Table 2. Adjust Equation Parameters
PARAMETERS
PTH12030W
PTH12030L
V(MIN)
1.2 V
0.8 V
V(MAX)
5.5 V
1.8 V
RS
1.82 k
Ω
7.87 k
Ω
8
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH12030W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com