Electronic Components Datasheet Search
  English  ▼

X  

REG104 Datasheet(PDF) 14 Page - Texas Instruments

Part # REG104
Description  DMOS 1A Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG104 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REG104 Datasheet HTML 10Page - Texas Instruments REG104 Datasheet HTML 11Page - Texas Instruments REG104 Datasheet HTML 12Page - Texas Instruments REG104 Datasheet HTML 13Page - Texas Instruments REG104 Datasheet HTML 14Page - Texas Instruments REG104 Datasheet HTML 15Page - Texas Instruments REG104 Datasheet HTML 16Page - Texas Instruments REG104 Datasheet HTML 17Page - Texas Instruments REG104 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
REG104GA-3.3.B
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G33
REG104GA-3.3/2K5
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G33
REG104GA-3.3/2K5.A
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G33
REG104GA-3.3/2K5.B
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G33
REG104GA-3.3G4
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
See REG104GA-3.3
R104G33
REG104GA-5
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-
R104G50
REG104GA-5.B
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
R104G50
REG104GA-5/2K5
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
R104G50
REG104GA-5/2K5.B
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
R104G50
REG104GA-5/2K5G4
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G50
REG104GA-5/2K5G4.B
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G50
REG104GA-5G4
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-
R104G50
REG104GA-5G4.B
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G50
REG104GA-A
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
R104GA
REG104GA-A.B
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
R104GA
REG104GA-A/2K5
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 85
R104GA
REG104GA-A/2K5.B
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
R104GA
REG104GA-AG4
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104GA
REG104GA-AG4.B
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104GA
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com