Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 200
Description  Medium 6V 2W Solar panel - 2.0 Watt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

200 Datasheet(HTML) 2 Page - Adafruit Industries

  200 Datasheet HTML 1Page - Adafruit Industries 200 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Please note: Depending on availability, we may stock 'charcoal' or 'silver' colored panels. They have the
same size and efficiency, just a slightly different look. If you order multiple panels you may receive a mix!
Some of these panels may also have a different colored cable. They also work just the same - just have a
slightly different look!
Technical Details
o
Size: 4.4" x 5.4" / 110mm x 140mm
o
Weight: 3 ounces / 90 grams
o
Cell type: Monocrystaline
o
Cell efficiency: 19%+
o
2.27 Watts Peak Power
Dimensions:
o
Length: 111.86mm/4.40in
o
Width: 135.83mm/5.34in
o
Thickness (without screws): 4.72mm/0.18in
o
Thickness (with screws): 9.82mm/0.38in
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com