Electronic Components Datasheet Search
  English  ▼

X  

2249 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2249
Description  Pi Model B / Pi 2 / Pi 3 Case Base - Yellow
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2249 Datasheet(HTML) 2 Page - Adafruit Industries

  2249 Datasheet HTML 1Page - Adafruit Industries 2249 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Pi snaps into the base and the lid fits snugly onto the top. If you want to break out your Pi you can use
your case without the lid and add hats to your B+ with ease.
This case works for the Raspberry Pi Model B+ / Pi 2 only. It does not work for the Raspberry Pi
Model A or B. It does work with the model A+ but there will be a bit of empty space of course, and you'll
need to snake your USB cable or connector through the front holes which may not work if the cable is
bulky.
No Raspberry Pi included. This is just the base of the case and no lid is included.
Technical Details
o
Dimensions: 92mm x 63mm x 26mm / 3.6" x 2.5" x 1.0"
o
Weight: 28g
Revision History: As of May 18th, 2015 the color on this base has slightly changed
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com