Electronic Components Datasheet Search
  English  ▼

X  

2255 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2255
Description  Pi Model B / Pi 2 / Pi 3 Case Base - Pink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2255 Datasheet(HTML) 1 Page - Adafruit Industries

  2255 Datasheet HTML 1Page - Adafruit Industries 2255 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pi Model B+ / Pi 2 / Pi 3 Case Base - Pink
PRODUCT ID: 2255
Description
Now that we have The Single Greatest Raspberry Pi Model B+ / Pi 2 Case Ever - we
decided to make it even better by adding COLORS!!!!!
Mix and match snap-on lids and bases to form your favorite combinations. Buy one
base then match different colored lids to your room or outfit. Or buy all of them so that
you can adjust your Pi B+'s case based on your mood, your favorite sports team, or even
your aura.
With 81 unique combinations, the possibilities are fun, colorful and (almost) endless!
This is just the base of the Raspberry Pi Model B+ / Pi 2 case. You can add lids and
check out some of our favorite combos.
This is the pink base. It reminds us of dragonfruit, Lisa Frank folders, and Ladyada's
hair. Check out our other colors!


Similar Part No. - 2255

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2255 KR-2255 Datasheet
24Kb / 1P
Lowpass Filter
logo
List of Unclassifed Man...
2255 ETC2-2255 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
Heyco.
2255 HEYCO-2255 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
logo
KR Electronics, Inc.
2255-BNC KR-2255-BNC Datasheet
73Kb / 3P
KR Electronics 2255-BNC is a 4000 Hz lowpass filter
logo
Littelfuse
225500 LITTELFUSE-225500 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
More results

Similar Description - 2255

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1776 NSC-DS1776 Datasheet
204Kb / 11P
PI-Bus Transceiver
logo
NXP Semiconductors
74F776 PHILIPS-74F776 Datasheet
108Kb / 12P
Pi-bus transceiver
1990 Dec 19
logo
SparkFun Electronics
KIT-13091 SPARKFUN-KIT-13091 Datasheet
583Kb / 14P
Pi Wedge B Hookup Guide
DEV-14356 SPARKFUN-DEV-14356 Datasheet
319Kb / 2P
pi-topPROTO
8??4??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
RPI4-MODBP-8GB ETC-RPI4-MODBP-8GB Datasheet
1Mb / 6P
Raspberry Pi 4 Computer Model B
2019
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com