Electronic Components Datasheet Search
  English  ▼

X  

248 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 248
Description  6 x AA battery holder with 5.5mm/2.1mm plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

248 Datasheet(HTML) 2 Page - Adafruit Industries

  248 Datasheet HTML 1Page - Adafruit Industries 248 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Make a portable power brick with plenty of juice! Use Alkaline AA's for a 9V 3000-
4000mAh power supply, or rechargeable NiMH for 2000mAh 7.5V supply. Either
one is good for running electronics that have a 5V voltage regulator (thus requiring
a 7V+ supply). Will last about 10 times longer than a 9V
Perfect for portable Arduinos! Batteries not included. Some quick soldering is
required to attach the jack to the holder.
7/16/2015
http://www.adafruit.com/products/248



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com