Electronic Components Datasheet Search
  English  ▼

X  

270 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 270
Description  Thermocouple Type-K Glass Braid Insulated - K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

270 Datasheet(HTML) 2 Page - Adafruit Industries

  270 Datasheet HTML 1Page - Adafruit Industries 270 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We have a handy tutorial which covers thermocouple use including both
CircuitPython and Arduino libraries, and example code!
Please note: we seem to have gotten a few thermocouples that have the
red&yellow wires color-coded wrong. It will not damage the thermocouple or
sensor if the wires are connected backwards, but temperature readings will go
the 'wrong way' so if you find that the temperature is dropping when you heat
up the sensor, try flipping the wires!
TECHNICAL DETAILS
Dimensions:
Length: 1m/39.5in
Thickness: 1.45mm/0.05in
Weight: 7.18g/0.26oz
                                                 https://www.adafruit.com/product/270 8‐21‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com