Electronic Components Datasheet Search
  English  ▼

X  

397 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 397
Description  TTL Serial JPEG Camera with NTSC Video
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

397 Datasheet(HTML) 3 Page - Adafruit Industries

  397 Datasheet HTML 1Page - Adafruit Industries 397 Datasheet HTML 2Page - Adafruit Industries 397 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
•
Shutter: Electronic rolling shutter
•
SNR: 45DB
•
Dynamic Range: 60DB
•
Max analog gain: 16DB
•
Frame speed: 640*480 30fps
•
Scan mode: Progressive scan
•
Viewing angle: 60 degrees
•
Monitoring distance: 10 meters, maximum 15meters (adjustable)
•
Image size: VGA(640*480), QVGA(320*240), QQVGA(160*120)
•
Baud rate: Default 38400, Maximum 115200
•
Current draw: 75mA
•
Operating voltage: DC +5V
•
Communication: 3.3V TTL (Three wire TX, RX, GND) on 2.0mm pitch
connector
•
PTC-08 module datasheet contains dimensional drawings
•
Fabien's Netduino + Camera tutorial
https://www.adafruit.com/product/397 3-7-24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com