Electronic Components Datasheet Search
  English  ▼

X  

427 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 427
Description  Tiny Modular Snap Boxes - SMD component storage - 10 pack - Blue
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

427 Datasheet(HTML) 2 Page - Adafruit Industries

  427 Datasheet HTML 1Page - Adafruit Industries 427 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
For storing small parts (especially SMT/SMD components), these little modular
boxes are ideal. They have individual clear pop-open covers so you can keep only
the ones you want open - less risk of mixing up parts or having a spill. The
brilliance of these boxes is that they also snap together, in any configuration you
want. You can mix all the sizes to make the ideal box for your needs, and add on
more containers as necessary. There's a leaf-spring hinged top that will last much
longer than an all-plastic molded top.
These tiny boxes are 25mm wide, 32mm long and 22mm tall on the outside and
are ideal for small parts, components, or beads (or really anything!) This particular
box set is a blue color.
Comes in a set of 10 snap boxes, you can pull these apart or reconfigure them
however you like
Page 2 of 2
7/21/2015
http://www.adafruit.com/products/427



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com