Electronic Components Datasheet Search
  English  ▼

X  

460 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 460
Description  Mini 2-wire Volt Meter (3.2 - 30 VDC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

460 Datasheet(HTML) 2 Page - Adafruit Industries

  460 Datasheet HTML 1Page - Adafruit Industries 460 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Put a voltage meter anywhere with this very handy display. These are often used by
RC hobbyists for keeping track of batteries but we thought it would be great on a
breadboard or enclosure. This is the 2-wire version of the volt meter, two wires are
used to power it and measure at the same time. We also have a 3-wire version that
measure a wider range of voltages.
Simply connect the red wire to the positive supply, and black to negative ground.
The display has a microcontroller that will read the voltage, compare it to a stable
reference and display the voltage with 0.1V precision on a 3-digit 7-segment
display. It works from 3.2V up to 30V so it will be good for nearly any electronic
project! The meter draws 3-4mA to power the microcontroller and display. This
particular LED display is a nice vivid green, which we found very readable.
Mounting tabs make this module easy to attach to any box or plate.
Page 2 of 2
7/21/2015
http://www.adafruit.com/products/460



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com