Electronic Components Datasheet Search
  English  ▼

X  

574 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 574
Description  Panel Current Meter - 0 to 9.99A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

574 Datasheet(HTML) 2 Page - Adafruit Industries

  574 Datasheet HTML 1Page - Adafruit Industries 574 Datasheet HTML 2Page - Adafruit Industries 574 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Put a current meter anywhere with this very handy display. This panel meter
requires a DC voltage to run, and then has two thick gauge wires to measure
current draw. A shunt is already on board so its very easy to hook up!
Since current sensors are a little more complex than volt meters, and its easy to
confuse the wires, please read carefully to understand how to wire it together! The
current meter has two sets of wires, one thin (red and black) and one thick (red or
white, and black). The thin wire set is for powering the meter itself and must be
4.5-30VDC. There is reverse-polarity protection on these wires. The thick wire set
is for the in-line current sensing. The black sensing wire is tied to the black power
wire internally, so depending on how you want to use the meter, you may need a
separate power circuit (see the next paragraph)
The easiest and safest way to use the meter is to have no electrical connection
between the powering and sensing current. That is, connect something like a 9V
battery to the thin power wires and you can put the current sensor in anywhere you
want. As long as the circuits are totally separate this will work great.
Another option is to have one circuit power the meter while it is sensing the same
circuit. To do this, you'll need to make sure that you are low-side sensing. This is
because the ground power wire is connected to the black current sense wire. To
make sure you don't accidentally short your power supply, you'll need to arrange
your circuit so that the ammeter sits 'right below' the "ground" of whatever you are
sensing. See the image above for a diagram showing how to measure motor
current, for example. Make sure the DC power is between 4.5V and 30V in this
case.
The display has a microcontroller that will read the current through the shunt
resistance, compare it to a stable reference and display the current in Amps on a
3-digit 0.56" tall 7-segment display. It works from 4.5V up to 30V and is reverse-
polarity protected so it will be good for nearly any electronic project! The meter
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com