Electronic Components Datasheet Search
  English  ▼

X  

576 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 576
Description  Panel Temperature Meter / -30 to 70 °C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

576 Datasheet(HTML) 2 Page - Adafruit Industries

  576 Datasheet HTML 1Page - Adafruit Industries 576 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Put a temperature meter anywhere with this very handy display. This panel meter
displays the temperature of the attached waterproof 1% thermistor in °C. It does
require a DC voltage to run, at 4.5-30VDC. It has reverse polarity protection in case
you swap the power leads by accident.
To use, simply connect the thin red wire to a positive supply, and the thin black
wire to ground. Then tape the black thermistor bulb to whatever you want to
measure - or leave it loose to measure ambient temperature. The display has a
microcontroller that will read thermistor resistance and display the corresponding
temperature from -30°C to 70°C with 1 °C precision on a 3-digit 0.56" tall
7-segment display. The meter draws 3-4mA to power the microcontroller and
display. This particular LED display is a nice vivid blue, which we found very
readable. To mount to your enclosure, simply cut a 45.5mm × 26.5mm rectangle
and snap it in.
This meter can only display the temperature in Centigrade °C, it cannot be modified
to °F and we do not have a version that is °F.
Page 2 of 2
7/22/2015
http://www.adafruit.com/products/576



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com