Electronic Components Datasheet Search
  English  ▼

X  

727 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 727
Description  3 x AAA Battery Holder with On/Off Switch and 2-Pin JST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

727 Datasheet(HTML) 2 Page - Adafruit Industries

  727 Datasheet HTML 1Page - Adafruit Industries 727 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
This battery holder connects 3 AAA batteries together in series for powering all
kinds of projects. We spec'd these out because the box is slim, and 3 AAA's add up
to about 3.3-4.5V, a very similar range to Lithium Ion/polymer (Li-Ion) batteries
and have an on-off switch. That makes them ideal for use with 3.3V projects that
have a 2-pin JST connector meant for one of our Li-Ion/Poly batteries. (Of course,
you can't recharge them like Li-Ion/Polys, so don't try to plug this into one of our
Li-Ion/Poly charger boards!)
Fits any standard AAA battery. When using rechargeable NiMH the output voltage
will range from about 3.7V with charged batteries to 2.7V at the end of life with a
nominal voltage of 3.6V. When using alkalines, the output will range from 4.6V
with new batteries to 3.3V at the end of life with a nominal voltage of about 4.5V
The polarity matches that of our 2-pin JST cable and Li-Ion/Poly batteries. Uses a
genuine JST connector so it wont 'catch and tear' in JST connectors.
7/16/2015
http://www.adafruit.com/products/727



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com