Electronic Components Datasheet Search
  English  ▼

X  

830 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 830
Description  4 x AA Battery Holder with On/Off Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

830 Datasheet(HTML) 1 Page - Adafruit Industries

  830 Datasheet HTML 1Page - Adafruit Industries 830 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
4 x AA Battery Holder with On/Off Switch
PRODUCT ID: 830
Make a nice portable power pack with this 4 x AA battery holder. It fits any
alkaline or rechargeable AA batteries in series. There's a snap on cover and an
on/off switch which can be handy when wiring to something without a switch.
New! We now have 0.1" headers on ends of these cables so you can plug them
into a breadboard or headers with ease! Of course, you can still always solder to
them or cut the ends off.


Similar Part No. - 830

ManufacturerPart #DatasheetDescription
logo
Littelfuse
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
List of Unclassifed Man...
830 ETC2-830 Datasheet
299Kb / 1P
ZERO ADJUSTMENT KNOB
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
830 VISHAY-830 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - 830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1024TR ETC2-1024TR Datasheet
96Kb / 1P
SM BATTERY HOLDER AA, ON TAPE
logo
Bud Industries, Inc.
HH-3633 BUD-HH-3633 Datasheet
24Kb / 1P
BATTERY HOLDER - 4 AA
logo
List of Unclassifed Man...
12BH341-GR ETC2-12BH341-GR Datasheet
47Kb / 1P
4 AA Battery Holder with Snaps
12BH343B-GR ETC2-12BH343B-GR Datasheet
82Kb / 1P
4 AA Battery Holder with Snaps
12BH343-GR ETC2-12BH343-GR Datasheet
77Kb / 1P
4 AA Battery Holder with Leads
12BH344B-GR ETC2-12BH344B-GR Datasheet
39Kb / 1P
4 AA Battery Holder with Snaps
12BH347-GR ETC2-12BH347-GR Datasheet
124Kb / 1P
4 AA Battery Holder with Snaps
12BH348 ETC2-12BH348 Datasheet
85Kb / 1P
4 AA Battery Holder with Leads, Cover, and Switch
12BH348-GR ETC2-12BH348-GR Datasheet
111Kb / 1P
4 AA Battery Holder with Leads
12BH349-GR ETC2-12BH349-GR Datasheet
172Kb / 1P
4 AA Battery Holder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com