Electronic Components Datasheet Search
  English  ▼

X  

996 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 996
Description  Brass Liquid Solenoid Valve - 12V - 1/2 NPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

996 Datasheet(HTML) 2 Page - Adafruit Industries

  996 Datasheet HTML 1Page - Adafruit Industries 996 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Control the flow of fluid using the flow of electrons! This liquid valve would make a
great addition to your robotic gardening, aquarium, or pool project. There are two
1/2" (Nominal NPS) outlets. Normally, the valve is closed. When 12VDC is applied to
the two terminals, the valve opens and water can flow. Unlike the plastic solenoid
valve, this one does not have a gasket, so there is no minimum pressure
requirement.
We tried this solenoid at various DC voltages and found we could actuate it down at
6VDC (although it was a little slower to open). Here is the current draw table for
various voltages. We suggest a TIP120 or N-Channel power FET with a 1N4001
kickback diode to drive this from a microcontroller pin. For a power supply, our
12V 5A power adapter will do the job.
If you want smaller, more basic valve, we also carry a plastic version which does
have a minimum pressure requirement but has much lower power requirements!
Voltage
Current
6V
1.6 A
7V
1.86 A
8V
2.0 A
9V
2.3 A
10V
2.5 A
11V
2.7 A
12V
3 A
These solenoids are not rated for food safety by any official standards. However,
they are made of cast brass, with a rubber gasket made of NBR (Nitrile Rubber) so it
can be used with any fluid that will not damage or be damaged by the rubber
gasket material.
7/24/2015
http://www.adafruit.com/products/996



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com