Electronic Components Datasheet Search
  English  ▼

X  

997 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 997
Description  Plastic Water Solenoid Valve - 12V - 1/2" Nominal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

997 Datasheet(HTML) 1 Page - Adafruit Industries

  997 Datasheet HTML 1Page - Adafruit Industries 997 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plastic Water Solenoid Valve - 12V - 1/2"
Nominal
PRODUCT ID: 997
Description
Control the flow of fluid using the flow of electrons! This liquid valve would make a great addition to your
robotic gardening project. There are two 1/2" (Nominal non-taped National Pipe) outlets. Normally, the
valve is closed. When 12VDC is applied to the two terminals, the valve opens and water can push through.
The valve has a gasket arrangement inside, so there is a minimum pressure requirement of 0.02 Mpa (3
PSI). Also, liquid can only flow one direction.
We tried this solenoid at various DC voltages and found we could actuate it down at 6VDC (although it
was a little slower to open). Here is the current draw table for various voltages. We suggest a TIP120 or N-
Channel power FET with a 1N4001 kickback diode to drive this from a microcontroller pin. For a power
supply, our 9V 1A or 12V 1A power adapters will do the job.
If you want a beefier water valve, we also carry a brass version which does not have a minimum pressure
requirement and can be used with liquid flow in either direction.


Similar Part No. - 997

ManufacturerPart #DatasheetDescription
logo
Littelfuse
997 LITTELFUSE-997 Datasheet
59Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
logo
Amphenol Wilcoxon Sensi...
997 WILCOXON-997 Datasheet
217Kb / 1P
High-frequency, integral cable accelerometers
Rev.C.2 09/18
logo
AG Electronica
997 AGELECTRONICA-997 Datasheet
335Kb / 1P
ELECTROVALVULA SOLENOIDE DIRECCIONAL 12VDC NORMALMENTE CERRADA 0.02MPa-0.8MPa
26/12/2023
logo
Amphenol Wilcoxon Sensi...
997-8-32 WILCOXON-997-8-32 Datasheet
217Kb / 1P
High-frequency, integral cable accelerometers
Rev.C.2 09/18
997-M4 WILCOXON-997-M4 Datasheet
217Kb / 1P
High-frequency, integral cable accelerometers
Rev.C.2 09/18
More results

Similar Description - 997

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SRS101PV5F SENSORTECHNICS-SRS101PV5F Datasheet
118Kb / 5P
Manifold mountable plastic switching solenoid valve
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
WATER RESISTANT SOLENOID
logo
Festo Corporation.
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
logo
Maxim Integrated Produc...
MAX16545BEVKIT120 MAXIM-MAX16545BEVKIT120 Datasheet
1Mb / 12P
12V Nominal Operating Voltage
Rev 1; 3/20
logo
Festo Corporation.
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
logo
SparkFun Electronics
ROB-10456 SPARKFUN-ROB-10456 Datasheet
104Kb / 1P
12V Solenoid Valve - 3/4"||"8/17/2016
logo
Festo Corporation.
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com