Electronic Components Datasheet Search
  English  ▼

X  

ADC12L032CIWM Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L032CIWM
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L032CIWM Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button ADC12L032CIWM Datasheet HTML 27Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 28Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 29Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 30Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 31Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 32Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 33Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 34Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 35Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Application Information (Continued)
01183045
Note: VA
+,V
D
+, and V
REF
+ on the ADC12L038 each have 0.01 µF and 0.1 µF chip caps, and 10 µF tantalum caps. All logic devices are bypassed with 0.1 µF
caps. The DS14C335 has an internal DC-DC converter that generates the necessary TIA/EIA-232-E output levels from a 3.3V supply. There are four 0.47 µF
capacitors required for the DC-DC converter that are not shown in the above schematic.
The assignment of the RS232 port is shown below
B7
B6
B5
B4
B3
B2
B1
B0
COM1
Input Address
3FE
X
X
X
CTS
X
X
X
X
Output Address
3FC
X
X
X
0
X
X
RTS
DTR
A sample program, written in Microsoft™ QuickBasic, is
shown on the next page. The program prompts for data
mode select instruction to be sent to the A/D. This can be
found from the Mode Programming table shown earlier. The
data should be entered in “1”s and “0”s as shown in the table
with DI0 first. Next the program prompts for the number of
SCLKs required for the programmed mode select instruction.
For instance, to send all “0”s to the A/D, selects CH0 as the
+input, CH1 as the −input, 12-bit conversion, and 13-bit MSB
first data output format (if the sign bit was not turned off by a
previous instruction). This would require 13 SCLK periods
since the output data format is 13 bits. The device powers up
with No Auto-Cal, No Auto-Zero, 10 CCLK Acquisition Time,
12-bit conversion, data out with sign, 12- or 13-bit MSB First,
power up, and user mode. Auto-Cal, Auto-Zero, Power UP
and Power Down instructions do not change these default
settings. The following power up sequence should be fol-
lowed:
1.
Run the program
2.
Prior to responding to the prompt apply the power to the
ADC12L038
3.
Respond to the program prompts
It is recommended that the first instruction issued to the
ADC12L038 be Auto-Cal (see Section 1.1).
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com