Electronic Components Datasheet Search
  English  ▼

X  

SLG47004 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SLG47004
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47004 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SLG47004 Datasheet HTML 19Page - Renesas Technology Corp SLG47004 Datasheet HTML 20Page - Renesas Technology Corp SLG47004 Datasheet HTML 21Page - Renesas Technology Corp SLG47004 Datasheet HTML 22Page - Renesas Technology Corp SLG47004 Datasheet HTML 23Page - Renesas Technology Corp SLG47004 Datasheet HTML 24Page - Renesas Technology Corp SLG47004 Datasheet HTML 25Page - Renesas Technology Corp SLG47004 Datasheet HTML 26Page - Renesas Technology Corp SLG47004 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 302 page
background image
Datasheet
8-Sep-2022
CFR0011-120-00
Revision 3.0
23 of 301
© 2022 Renesas Electronics Corporation
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
Note 1 Does not meet standard I2C specifications: tof = 20x(VDD/5.5 V) (min); For Fast-mode Plus IOL = 20 mA (min) at
VOL = 0.4 V.
Note 2 For Fast-mode Plus SDA pin must be configured as NMOS 2x Open-Drain, see register [1155] in Section
21.
Table 8: EC of the I2C Pins for DILV at T = -40 °C to +85 °C, VDD = 2.4 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Condition
Fast-Mode
Unit
Min
Max
VIL
LOW-level Input Voltage
-0.5
0.3xVDD
V
VIH
HIGH-level Input Voltage
0.7xVDD
5.5
V
VHYS
Hysteresis of Schmitt
Trigger Inputs
0.05xVDD
--
V
VOL1
LOW-Level Output Voltage
1
(Open-Drain) at 3 mA sink current
VDD > 2 V
0
0.4
V
VOL2
LOW-Level Output Voltage
2
(Open-Drain) at 2 mA sink current
VDD ≤ 2 V
0
0.2xVDD
V
IOL
LOW-Level Output Current
(Note 1)
VOL = 0.4 V, VDD = 2.4 V
3
--
mA
VOL = 0.4 V, VDD = 3.0 V
3
--
mA
VOL = 0.4 V, VDD = 4.5 V
3
--
mA
VOL= 0.6 V
6
--
mA
tof
Output Fall Time from VIHmin
to VILmax
(Note 1)
14x
(VDD/5.5 V)
250
ns
tSP
Pulse Width of Spikes that
must be suppressed by the
Input Filter
0
50
ns
Ii
Input Current (each IO Pin)
0.1xVDD < VI < 0.9xVDDmax
-10
+10
µA
Ci
Capacitance (each IO Pin)
--
10
pF
Note 1 Does not meet standard I2C specifications: tof = 20x(VDD/5.5 V) (min); For Fast-mode Plus IOL = 20 mA (min) at
VOL = 0.4 V.
Note 2 For Fast-mode Plus SDA pin must be configured as NMOS 2x Open-Drain, see register [1155] in Section 21.
Table 9: I2C Pins Timing Characteristics for DI at T = -40 °C to +85 °C, VDD = 2.4 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Condition
Fast-Mode
Fast-Mode
Plus
Unit
Min
Max
Min
Max
FSCL
Clock Frequency, SCL
--
400
--
1000
kHz
tLOW
Clock Pulse Width Low
1300
--
500
--
ns
tHIGH
Clock Pulse Width High
600
--
260
--
ns
tI
Input Filter Spike Suppression
(SCL, SDA)
--
50
--
50
ns
tAA
Clock Low to Data Out Valid
--
900
--
450
ns
Table 7: EC of the I2C Pins for DI at T = -40 °C to +85 °C, VDD = 2.4 V to 5.5 V Unless Otherwise Noted(Continued)
Parameter
Description
Condition
Fast-Mode
Fast-Mode Plus
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com