Electronic Components Datasheet Search
  English  ▼

X  

340LP5E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # 340LP5E
Description  GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

340LP5E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  340LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 340LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
12
12 - 215
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 Ohm impedance while the
package ground leads and exposed paddle should
be connected directly to the ground plane similar
to that shown. A sufficient number of VIA holes
should be used to connect the top and bottom
ground planes. The evaluation circuit board
shown is available from Hittite upon request.
Item
Description
J1 - J6
PCB Mount SMA RF Connector
U1
HMC340LP5 / HMC340LP5E Dual Mixer
PCB [2]
107467 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
List of Material for Evaluation PCB 107482 [1]
HMC340LP5 / 340LP5E
GaAs MMIC SMT DOUBLE-BALANCED
DUAL MIXER, 1.7 - 4.5 GHz
v01.0705



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com