Electronic Components Datasheet Search
  English  ▼

X  

016080 Datasheet(PDF) 2 Page - GEDORE Werkzeugfabrik GmbH & Co. KG

Part # 016080
Description  Quickset Adjustable Torque Screwdrivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEDORE [GEDORE Werkzeugfabrik GmbH & Co. KG]
Direct Link  https://www.gedore.com/
Logo GEDORE - GEDORE Werkzeugfabrik GmbH & Co. KG

016080 Datasheet(HTML) 2 Page - GEDORE Werkzeugfabrik GmbH & Co. KG

  016080 Datasheet HTML 1Page - GEDORE Werkzeugfabrik GmbH & Co. KG 016080 Datasheet HTML 2Page - GEDORE Werkzeugfabrik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Square M
016500 Quickset 6 FH
1-6 N.m
0.1 N.m
1/4" Hex F
184 335
016200 Quickset 50 SD
5-50 lbf.in
1 lbf.in
1/4"
Square M
222 340
016600 Quickset 50 FH
5-50 lbf.in
1 lbf.in
1/4" Hex F
184 335
016300 Quickset 9 SD
4-9 N.m
0.1 N.m
1/4"
Square M
222 340
016700 Quickset 9 FH
4-9 N.m
0.1 N.m
1/4" Hex F
184 335
016400 Quickset 80 SD
30-80
lbf.in
1 lbf.in
1/4"
Square M
222 340
016800 Quickset 80 FH
30-80
lbf.in
1 lbf.in
1/4" Hex F
184 335
Click on the table to enlarge
Calibration Range
Order
Code
Model
Range
Drive
mm
g
016030
Quickset Minor kgf.cm SD
1-12 kgf.cm
0.1 kgf.cm
1/4" Square M
160
158
016050
Quickset Minor kgf.cm FH
1-12 kgf.cm
0.1 kgf.cm
1/4" Hex F
169
165
016130
Quickset 60 K SD
10-60 kgf.cm
1 kgf.cm
1/4" Square M
222
340
016530
Quickset 60 K FH
10-60 kgf.cm
1 kgf.cm
1/4" Hex F
184
335
016330
Quickset 90 K SD
40-90 kgf.cm
1 kgf.cm
1/4" Square M
222
340
016730
Quickset 90 K FH
40-90 kgf.cm
1 kgf.cm
1/4" Hex F
184
335



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com