Electronic Components Datasheet Search
  English  ▼

X  

B22 Datasheet(PDF) 1 Page - ept GmbH

Part # B22
Description  Female connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPT [ept GmbH]
Direct Link  https://www.ept-connectors.com/
Logo EPT - ept GmbH

B22 Datasheet(HTML) 1 Page - ept GmbH

  B22 Datasheet HTML 1Page - ept GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
41
ept GmbH & Co. KG I Phone +49 (0) 88 61/25 01 0 I Fax +49 (0) 88 61/55 07 I E-mail sales@ept.de I www.ept.de
hm connectors
Type B22
Female connector
No. of
contacts
Press-fit technology
Performance level II
Description
Part number
110
Without shielding
244-22000-15
110
With shielding
244-22300-15
–
Lower shield
244-22600-1
On request
– Performance level I or
customer-specific
– Also in THTR
Accessories
– Press-fit tool
(see page 202)
– Support tool
(see page 203)
Note
– CompactPCI J2/J5
Hole pattern


Similar Part No. - B22

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B22 DBLECTRO-B22 Datasheet
267Kb / 1P
FEMALE HEADER WITH SQUARE TAIL
logo
Diodes Incorporated
B220 DIODES-B220 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B220 FUJI-B220 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B220 WEITRON-B220 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B220 DIODES-B220 Datasheet
356Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
S13004 Rev. 13 - 2
More results

Similar Description - B22

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DT3S-G-BK10M-PUR-O1 PF-DT3S-G-BK10M-PUR-O1 Datasheet
909Kb / 3P
Female connector
2020-09-23
DT3S-G-BK3M-PUR-O1 PF-DT3S-G-BK3M-PUR-O1 Datasheet
909Kb / 3P
Female connector
2020-09-23
V1-W-BK2M-PUR-O6 PF-V1-W-BK2M-PUR-O6 Datasheet
242Kb / 1P
Female connector
2017-01-09
V1-GV4A-10M-PP-H1 PF-V1-GV4A-10M-PP-H1 Datasheet
283Kb / 2P
Female connector
2019-04-24
V3-GR-YE2M-PUR PF-V3-GR-YE2M-PUR Datasheet
224Kb / 1P
Female connector
2019-05-03
V23-19-G-10M-PUR PF-V23-19-G-10M-PUR Datasheet
775Kb / 2P
Female connector
2020-10-07
V23-19-W-3M-PUR PF-V23-19-W-3M-PUR Datasheet
856Kb / 2P
Female connector
2020-10-07
V23-G-5M-PUR PF-V23-G-5M-PUR Datasheet
776Kb / 2P
Female connector
2020-10-07
V1-WV4A-5M-PP-H1 PF-V1-WV4A-5M-PP-H1 Datasheet
285Kb / 2P
Female connector
2019-04-24
V3-GM-25M-PVC-ABG-Y288959 PF-V3-GM-25M-PVC-ABG-Y288959 Datasheet
309Kb / 2P
Female connector
2019-07-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com