Electronic Components Datasheet Search
  English  ▼

X  

P050NBKA Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # P050NBKA
Description  Flexible Non-metallic Conduit and Tubing Fittings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

P050NBKA Datasheet(HTML) 1 Page - Hubbell Incorporated.

  P050NBKA Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non-metallic Liquidtight Connectors
Flexible Non-metallic Conduit and Tubing Fittings
POLYTUFF® Non-metallic Fittings
Type 4X, 12 and 13
PS05GYKIT
P1259NGY
PSO509NGY - SwivelLok
PSO509NGY - SwivelLok
P125NGY
P075NGYA
Straight with Male Non-Metallic Liquidtight Fittings
Trade
Black
Gray
Size (metric designator)
Catalog Numbers
Catalog Numbers
3
/8” (12)
P038NBKA
P038NGYA
1
/2” (16)
P050NBKA
P050NGYA
3
/4” (21)
P075NBKA
P075NGYA
1” (27)
P100NBKA
P100NGYA
1
/4” (10)
F2025
–
11/4 “(35)
P125NBK
P125NGY
11/2” (41)
P150NBK
P150NGY
2” (53)
P200NBK
P200NGY
Note: See pages T-116 and T-117 for additional technical data and dimensional
drawings.
SwivelLok® Multi-Position
with Male Non-Metallic Liquidtight Fittings
Trade
Black
Gray
Size (metric designator)
Catalog Numbers
Catalog Numbers
3
/8” (12)
PS0389NBK
PS0389NGY
1
/2” (16)
PS0509NBK
PS0509NGY
3
/4” (21)
PS0759NBK
PS0759NGY
1” (27)
PS1009NBK
PS1009NGY
Note: See pages T-116 and T-117 for additional technical data and dimensional
drawings.
90° Angle with Male Non-Metallic Liquidtight Fittings
Trade
Black
Gray
Size (metric designator)
Catalog Numbers
Catalog Numbers
1
/4” (10)
F20259
–
11/4” (35)
P1259NBK
P1259NGY
Note: See pages T-116 and T-117 for additional technical data and dimensional
drawings.
SwivelLok Flexible Conduit Kit
Trade Size (metric designator) Fitting and Conduit
Catalog Numbers
1
/2” (16)
2 PS0509NGY, 6’ G1050
PS05GYKIT
3
/4” (21)
2 PS0759NGY, 6’ G1075
PS07GYKIT
Note: See pages T-116 and T-117 for additional technical data and dimensional
drawings.
T-111
Dimensions in Inches (mm)
www.hubbell-wiring.com


Similar Part No. - P050NBKA

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
P050NBKA HUBBELL-P050NBKA Datasheet
165Kb / 1P
PolyTuff® Non-Metallic Liquidtight Fittings
More results

Similar Description - P050NBKA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130096-0069 MOLEX11-130096-0069 Datasheet
45Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
130096-0071 MOLEX11-130096-0071 Datasheet
45Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
130096-0073 MOLEX11-130096-0073 Datasheet
45Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
130096-0074 MOLEX11-130096-0074 Datasheet
44Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
130096-0075 MOLEX11-130096-0075 Datasheet
44Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
1300960070 MOLEX11-1300960070 Datasheet
36Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
1300960072 MOLEX11-1300960072 Datasheet
36Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
1300960073 MOLEX11-1300960073 Datasheet
37Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
1300960074 MOLEX11-1300960074 Datasheet
36Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
1300960076 MOLEX11-1300960076 Datasheet
36Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com