Electronic Components Datasheet Search
  English  ▼

X  

HMC344LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC344LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC344LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC344LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 187
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 4,
9, 12, 15
RF4, RF3, RF2,
RF1, RFC
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required if RF line potential is not equal to 0V.
2, 3,
10, 11, 13
N/C
This pin should be connected to PCB RF
ground to maximize isolation.
5, 14, 16
GND
Package bottom has exposed metal paddle that
must also be connected to PCB RF ground.
6
VEE
Supply Voltage -5V ± 10%
7
CTLB
See truth table and control voltage table.
8
CTLA
See truth table and control voltage table.
Pin Descriptions
HMC344LP3 / 344LP3E
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 8.0 GHz
v05.0505



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com