Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD206B Datasheet(PDF) 22 Page - Texas Instruments

Part # SN65MLVD206B
Description  SN65MLVD206B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD206B Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN65MLVD206B Datasheet HTML 18Page - Texas Instruments SN65MLVD206B Datasheet HTML 19Page - Texas Instruments SN65MLVD206B Datasheet HTML 20Page - Texas Instruments SN65MLVD206B Datasheet HTML 21Page - Texas Instruments SN65MLVD206B Datasheet HTML 22Page - Texas Instruments SN65MLVD206B Datasheet HTML 23Page - Texas Instruments SN65MLVD206B Datasheet HTML 24Page - Texas Instruments SN65MLVD206B Datasheet HTML 25Page - Texas Instruments SN65MLVD206B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
0
r
87
5.98 H
Z
ln
0.8 W
T
1.41
§
·
¨
¸
H
©
¹
>
@
>
@
0
r
1.9 2 H T
60
Z
ln
0.8 W
T
§
·
¨
¸
¨
¸
H
©
¹
s
0.96
H
diff
0
Z
2
Z
1 0.48
e
u
§
·
¨
¸
u
u
u
¨
¸
©
¹
s
2.9
H
diff
0
Z
2
Z
1 0.347
e
u
§
·
¨
¸
u
u
u
¨
¸
©
¹
Co-Planar Coupled Microstrips
Broad-Side Coupled Striplines
Edge-Coupled
Edge-Coupled
Single-Ended Microstrip
Single-Ended Stripline
W
H
T
W
T
H
H
S
H
Differential Microstrip
Differential Stripline
S
H
S
H
H
G
G
W
W
W
S
22
SN65MLVD206B
SLLSEX9A – DECEMBER 2016 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: SN65MLVD206B
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
9.2.3.10 PCB Transmission Lines
As per SNLA187, Figure 19 depicts several transmission line structures commonly used in printed-circuit boards
(PCBs). Each structure consists of a signal line and a return path with uniform cross-section along its length. A
microstrip is a signal trace on the top (or bottom) layer, separated by a dielectric layer from its return path in a
ground or power plane. A stripline is a signal trace in the inner layer, with a dielectric layer in between a ground
plane above and below the signal trace. The dimensions of the structure along with the dielectric material
properties determine the characteristic impedance of the transmission line (also called controlled-impedance
transmission line).
When two signal lines are placed close by, they form a pair of coupled transmission lines. Figure 19 shows
examples of edge-coupled microstrips, and edge-coupled or broad-side-coupled striplines. When excited by
differential signals, the coupled transmission line is referred to as a differential pair. The characteristic impedance
of each line is called odd-mode impedance. The sum of the odd-mode impedances of each line is the differential
impedance of the differential pair. In addition to the trace dimensions and dielectric material properties, the
spacing between the two traces determines the mutual coupling and impacts the differential impedance. When
the two lines are immediately adjacent; for example, if S is less than 2 × W, the differential pair is called a tightly-
coupled differential pair. To maintain constant differential impedance along the length, it is important to keep the
trace width and spacing uniform along the length, as well as maintain good symmetry between the two lines.
Figure 19. Controlled-Impedance Transmission Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com