Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD201DR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN65MLVD201DR
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD201DR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65MLVD201DR Datasheet HTML 8Page - Texas Instruments SN65MLVD201DR Datasheet HTML 9Page - Texas Instruments SN65MLVD201DR Datasheet HTML 10Page - Texas Instruments SN65MLVD201DR Datasheet HTML 11Page - Texas Instruments SN65MLVD201DR Datasheet HTML 12Page - Texas Instruments SN65MLVD201DR Datasheet HTML 13Page - Texas Instruments SN65MLVD201DR Datasheet HTML 14Page - Texas Instruments SN65MLVD201DR Datasheet HTML 15Page - Texas Instruments SN65MLVD201DR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.ti.com
tc(n)
1/f0
Period Jitter
Peak to Peak Jitter
1/f0
PRBS INPUT
OUTPUT
CLOCK INPUT
IDEAL
OUTPUT
ACTUAL
OUTPUT
tjit(per) = tc(n) -1/f0
tjit(pp)
VA -VB
INPUTS
VA -VB
0.2 V - Type 1
0.4 V - Type 2
VIC
1 V
VOH
VCC/2
VOL
VOH
VOL
VCC/2
VOH
VOL
VCC/2
VA
VB
PIN ASSIGNMENTS
SN65MLVD203D (Marked as MLVD203)
SN65MLVD207D (Marked as MLVD207)
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
R
RE
DE
D
GND
GND
VCC
VCC
A
B
Z
Y
NC
NC - No internal connection
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
SN65MLVD201D (Marked as MF201)
SN65MLVD206D (Marked as MF206)
(TOP VIEW)
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
A.
All input pulses are supplied by an Agilent 8304A Stimulus System.
B.
The measurement is made on a TEK TDS6604 running TDSJIT3 application software
C.
Period jitter is measured using a 100 MHz 50 1% duty cycle clock input.
D.
Peak-to-peak jitter is measured using a 200 Mbps 215-1 PRBS input.
Figure 12. Receiver Jitter Measurement Waveforms
12
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com