Electronic Components Datasheet Search
  English  ▼

X  

2779 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2779
Description  PiTFT Pibow Kit for Pi 2 / B / Pi 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2779 Datasheet(HTML) 2 Page - Adafruit Industries

  2779 Datasheet HTML 1Page - Adafruit Industries 2779 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features:
Compatible with Raspberry Pi 2, Model B+ and Pi 3
Custom top layers provided for both the 2.8" 320x240 and the 3.5" 480x320 PiTFT+ variants
Protects your beloved Pi!
Leaves all primary ports accessible
Made from lightweight high-quality cast acrylic
Great for hacking and tinkering!
More information available on the Pimoroni website.
Please note: If using with the 480x320 3.5" PiTFT+ you will need to remove the mounting holes from the 
side of the PiTFT board (they're designed to be broken off cleanly)! PiTFT and Raspberry Pi not included 
(but we do sell them in the shop)
Technical Details
Assembled Dimensions: 99mm x 65.9mm x 44.1mm / 3.9" x 2.6" x 1.7"
For product support, replacement parts and warranty for Pimoroni products visit the Pimoroni
forums or contact Pimoroni directly.
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com