Electronic Components Datasheet Search
  English  ▼

X  

2883 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2883
Description  Adafruit Pi Protector for Raspberry Pi Model Zero
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2883 Datasheet(HTML) 2 Page - Adafruit Industries

  2883 Datasheet HTML 1Page - Adafruit Industries 2883 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We recommend purchasing either our starter pack, budget pack, or any of the following accessories to
make your Pi Zero complete:
o
A good quality 5V power supply - Either a 5V 2A with cable or combine a 5V 1A power
supply and a Micro B USB cable - this will allow you to power the Zero from a wall adaper. It is
not suggested to power the Zero from a computer USB port as the voltage often sags and can
cause SD card corruption!
o
4GB+ SD Card with Operating System - You can grab a ready-to-go Raspbian card that has the
correct firmware for the Zero here. Or you can pick up an 8G card with Jessie. Or use a blank 4G
SD card and burn in Raspbian Wheezy and update the firmware.
o
Mini HDMI to HDMI Adapter - Will let you convert the little port on the Zero to a standard
sized HDMI jack. You can get 1080P HDMI video + audio out of this little computer!
o
USB OTG Cable - Lets you plug in a normal USB device such as WiFi dongle, USB hub,
keyboard, mouse, etc into the Zero.
o
USB Console cable - if you're not going to stick an HDMI monitor on there, then this is
essential, you connect the wires to the GPIO pins and log in over a serial console. Its the easiest &
fastest way to get on your Pi
o
2x20 Male header strip - Solder this in to plug in Pi HATs, GPIO cables, etc as you would into a
normal Pi. (We also have a 2x20 Female and 2x20 Female right-angle style for more exotic
connecting)
Technical Details
o
Top Piece: 65.6mm x 23.1mm x 3.2mm / 2.58" x 0.91" x 0.13"
o
Bottom Piece: 65.5mm x 30.5mm x 3mm / 2.58" x 1.2" x 0.12"
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/2883 4‐13‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com