Electronic Components Datasheet Search
  English  ▼

X  

3288 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3288
Description  ModMyPi Pi Zero Case - Frost/Clear
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3288 Datasheet(HTML) 2 Page - Adafruit Industries

  3288 Datasheet HTML 1Page - Adafruit Industries 3288 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product features: 
o
Professional Fully Injection Molded PC‐ABS Raspberry Pi Zero Case 
o
3 Part Clip‐Together Construction (Top, Base & Micro SD Card Cover) 
o
Removable Micro SD Card Cover  
o
GPIO Cut‐Out Slot (Top & Bottom) 
o
Embossed Raspberry Pi Foundation Logo 
o
Embossed Port Labels (MicroSD, Camera, USB, Power, HDMI) 
o
Raspberry Pi Zero Clips In (No Screws) 
o
Power LED Hole 
o
Two‐Point M3 Bolt Mount for Attaching to Belts for Wearables or Walls for Wallables ;) 
o
2 x Internal Clip In Micro SD Card Holders 
o
Drop Resistant 
Raspberry Pi Zero not included! 
Technical Details 
For product support, please visit the ModMyPi forum. 
Product Dimensions: 74.0mm x 39.0mm x 13.0mm / 2.9" x 1.5" x 0.5"  
Product Weight: 16.8g / 0.6oz  
 
                                                                    Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com