Electronic Components Datasheet Search
  English  ▼

X  

3901 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3901
Description  Love To Code Chibi Scope
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3901 Datasheet(HTML) 1 Page - Adafruit Industries

  3901 Datasheet HTML 1Page - Adafruit Industries 3901 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Love To Code Chibi Scope PRODUCT ID: 3901
What is this adorable little data dumpling? The millennial answer to
Tamagotchi? Nay, it is the Chibi Scope, the perfect companion to your Chibi
Chip or, heck, any project where you want a portable way to view waveforms or
ASCII text.
The 'scope is a small, 1.3" diagonal OLED screen that doubles as an
oscilloscope to help you understand the inner going-ons of your Chibi Chip. A
veritable triple-threat, it packs three functions — text, volts and wave — into
one package. The Chibi Scope connects to your circuit with the included
alligator clips; wire up +5V, GND, and TXT, and you’re all set. The first two pads
are for power, the third pad is the analog/text input.


Similar Part No. - 3901

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3901 POMONA-3901 Datasheet
29Kb / 1P
BNC (Male) To Stackable Pin Tip Plugs
logo
TE Connectivity Ltd
3901/01/24 TEC-3901/01/24 Datasheet
136Kb / 3P
Surface Sensor for High Rel & Aerospace
25/03/14 Rev 03
logo
List of Unclassifed Man...
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
More results

Similar Description - 3901

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72940 POMONA-72940 Datasheet
244Kb / 2P
Insulated Scope Probes
logo
List of Unclassifed Man...
26700-203 ETC2-26700-203 Datasheet
72Kb / 1P
Auto-Focus Mighty Scope
26700-209 ETC2-26700-209 Datasheet
77Kb / 2P
Mighty Scope Digital 5M - 10-200x
26700-215 ETC2-26700-215 Datasheet
117Kb / 1P
Mighty Scope Dual View Stand
logo
Keysight Technologies
3000 KEYSIGHT-3000 Datasheet
520Kb / 6P
Scope Connect Software
logo
Hanwei Electronics Grou...
MQ-135 HANWEI-MQ-135 Datasheet
334Kb / 3P
Wide detecting scope
logo
Maxim Integrated Produc...
MAX4940EVKIT MAXIM-MAX4940EVKIT Datasheet
1Mb / 18P
3.5mm Scope Probe Jacks
Rev 0; 11/09
logo
Bel Fuse Inc.
CT999249 BEL-CT999249 Datasheet
361Kb / 1P
M12 X-CODE MALE TO M12 X-CODE MALE COIL CORD
Rev. A3
logo
Aven, Inc.
26700-218-PLR AVEN-26700-218-PLR Datasheet
1Mb / 2P
Mighty Scope v2
26700-220-DIFF AVEN-26700-220-DIFF Datasheet
1Mb / 1P
Diffuser Attachment For Mighty Scope ClearVue
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com