Electronic Components Datasheet Search
  English  ▼

X  

3942 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3942
Description  HC-SR04 Ultrasonic Sonar Distance Sensor 2 x 10K resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3942 Datasheet(HTML) 2 Page - Adafruit Industries

  3942 Datasheet HTML 1Page - Adafruit Industries 3942 Datasheet HTML 2Page - Adafruit Industries 3942 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
These sensors are fast, fairly easy to use, and low cost. They do require
powering from 5V for best results: connect GND (ground) and VCC to 5V power.
While the Trig signal can be 3V or 5V, the 'return' Echo signal is 5V logic. For
that reason, we include two 10K resistors, use these as a divider to convert the
5V logic level to a safe 2.5V that you can ready with your 3V device.
You can use this sensor with Arduino, CircuitPython (for microcontrollers or
Raspberry Pi) or MakeCode
We carry a large variety of distance sensors here if this fellow isn't what you're
looking for.
TECHNICAL DETAILS
Power & Logic Voltage: DC 5V
Current during measurment: 15mA
Ultrasonic Frequency: 40 KHz
Measuring Angle: 15º
Trigger Input Signal: 10uS high pulse
Sensor dimensions (excluding header): 45.5 x 20 x 15.5mm
Weight: 8.7g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com