Electronic Components Datasheet Search
  English  ▼

X  

3974 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3974
Description  Ad Blocking Kit for Pi-Hole with 2.8" PiTFT - No Soldering! - No Raspberry Pi Included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3974 Datasheet(HTML) 2 Page - Adafruit Industries

  3974 Datasheet HTML 1Page - Adafruit Industries 3974 Datasheet HTML 2Page - Adafruit Industries 3974 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
We also have a guide and kit for using Pi-Hole with the Raspberry Pi Zero W to
send advertisements on your network into a black hole. But the PiOLED
is
small, and we want to monitor more statistics at a glance. While we could
open the web console to monitor Pi-hole, we can't show that to friends easily.
Plus, who doesn't want more shiny, blinky, networking hardware?
Upgrade to this Pi-Hole Ad Detection for Raspberry Pi and 2.8" PiTFT Kit!
This pack does not contain a Raspberry Pi comptroller - that's because you
probably have one kicking around and maybe you want to pick one model over
the other. We recommend the Raspberry Pi 3 Model B - tried and true, this Pi
works great and has both WiFi and Ethernet. You can also use a Pi 2 (doesn't
have built-in WiFi so a dongle is required, or just stick to Ethernet).
This requires installing PADD (Pi-hole Ad Detection Display) and Pi-Hole on the
Adafruit 2.8" PiTFT Plus to display useful and fun statistics such as
Amount of
Pi-holed Advertisements, and the top offending domain attempting to serve
pesky advertisements to your network.
Follow along with our learn guide to DIY your own!
This pack includes everything
except a Raspberry Pi - No soldering required
PiTFT Plus Assembled 320x240 2.8" TFT - one of the cutest little display
for the Raspberry Pi. It features a 2.8" display with 320x240 16-bit color
pixels and a resistive touch overlay.
8 GB microSD Card w/ PIXEL Desktop NOOBS - the fastest way to have a
variety of operating systems on your Pi
5V 2.5A Switching Power Supply with 20AWG MicroUSB Cable
Pi Model B+ / Pi 2 / Pi 3 Case Base - Smoke Gray
Faceplate and Buttons Pack
Don't forget to also get a Raspberry Pi computer to go along with this, we
recommend the Raspberry Pi 3 Model B
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com