Electronic Components Datasheet Search
  English  ▼

X  

3977 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3977
Description  Getting Started with Circuit Playground Express Book Bundle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3977 Datasheet(HTML) 2 Page - Adafruit Industries

  3977 Datasheet HTML 1Page - Adafruit Industries 3977 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
This book gives you the low-down on microcontrollers by learning how to use
the Express with Microsoft MakeCode and CircuitPython. You'll also learn how
to configure your board and have fun in the Arduino IDE!
With so many ways to learn, and so much built into the Circuit Playground
Express, we wanted to offer a pack that has everything you need to follow along
the book and complete the projects. The parts included are common, re-usable
components, so you will be able to build on what you've learned and come up
with new inventions!
What better way to dip your maker toes into the inviting waters of electronics
and programming than with this bundle which includes the goodies you'll need
to follow all the lessons? No soldering required, great for any age and
experience
Included in this bundle:
Getting Started with Circuit Playground Express paperback book
Circuit Playground Express - Base Kit with:
Circuit Playground Express
USB cable - A/MicroB - 3ft
3 x Alkaline AAA batteries
Battery Holder with On/Off Switch, JST, and Belt Clip
Small Alligator Clip to Male Jumper Wire Bundle - 6 Pieces
Copper Foil Tape with Conductive Adhesive - 6mm x 15 meter roll
 
 
 
 
 
 
 
 
https://www.adafruit.com/product/3977 10-15-18



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com