Electronic Components Datasheet Search
  English  ▼

X  

4028 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4028
Description  CircuitPython Starter Kit with Adafruit Itsy Bitsy M4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4028 Datasheet(HTML) 2 Page - Adafruit Industries

  4028 Datasheet HTML 1Page - Adafruit Industries 4028 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
Small, powerful, with a ultra fast ATSAMD51 Cortex M4 processor running at 120 MHz -
this microcontroller board is perfect when you want something very compact, with a ton
of horsepower and a bunch of pins. This Itsy is like a bullet train, with it's 120MHz
Cortex M4 with floating point support and 512KB Flash and 192KB RAM. Your code will
zig and zag and zoom, and with a bunch of extra peripherals for support, this will for
sure be your favorite new chipset.
We give you a pack of parts for getting started, a lovely Blinka-purple case and even a
sticker. Now you've got no excuse for not digging in. Makes for a great workshop pack,
hackerspace kit, or gift.
Please note the ItsyBitsy M4 is not soldered, some light soldering is required to attach
headers to the chip! Once you've got it assembled, tuck it all into the handy carrying
case.
Includes:
1 x Adafruit ItsyBitsy M4 Express
1 x Maker-Friendly Zipper Case in Royal Purple
1 x Half-Size Breadboard
1 x USB Cable - 6" A/microB
1 x Premium Male/Male Jumper Wires set
Starter Pack Component Bag
1x Breadboard-friendly SPDT Slide Switch
1x Diffused RGB (tri-color) LED
1x Piezo Buzzer
1x Photo cell light sensor
3x 12mm Tactile Switches
1x Diffused 10mm Red LED
1x Diffused 10mm Green LED
1x 10K Trim Potentiometer
5x 10K 5% 1/4W resistors
5x 560 ohm 5% 1/4W resistors
1 x Blinka the CircuitPython Sticker
 
 
 
 
 
 
                                                                                     https://www.adafruit.com/product/4028 11‐19‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com