Electronic Components Datasheet Search
  English  ▼

X  

TA090 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # TA090
Description  Sprung hook probe 1000 V CAT III, red
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA090 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  TA090 Datasheet HTML 1Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No. TA090
Sprung hook probe 1000 V CAT III,
red
These probes feature a shrouded 4 mm socket allowing connection to a
measurement instrument using a 4 mm "banana" plug test lead. The sprung hook opens up to 10 mm
to grip items such as components, IC legs, or small conductors.
TA090 Sprung hook probe specifications
Length
121 mm
Height
23 mm
Hook limit
10 mm
IEC 1010 rating
1000 V CAT III 20 A
Color
Red


Similar Part No. - TA090

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA09001AV TRANSKO-TA09001AV Datasheet
608Kb / 4P
90.432 MHz IF SAW Filter / 2.03 MHz Bandwidth
Revision 0: 15. Apr. 2009
TA09023AD1 TRANSKO-TA09023AD1 Datasheet
604Kb / 4P
90.00 MHz IF SAW Filter / 23.73 MHz Bandwidth
Revision 0: 10 Nov. 2010
TA09024AD1 TRANSKO-TA09024AD1 Datasheet
678Kb / 4P
90.00 MHz IF SAW Filter / 24.62 MHz Bandwidth
Revision 0: 10. Nov. 2010
TA09029AV TRANSKO-TA09029AV Datasheet
646Kb / 4P
90.0 MHz IF SAW Filter / 29.46 MHz Bandwidth
Revision 0: 07. Oct. 2010
logo
TAI-SAW TECHNOLOGY CO.,...
TA0907A TAI-SAW-TA0907A Datasheet
457Kb / 7P
SAW Filter 830 MHz
More results

Similar Description - TA090

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6498 POMONA-6498 Datasheet
112Kb / 1P
1000V CAT II Passive Oscilloscope Probe
logo
HARTING Technology Grou...
33-48-014-7825-050 HARTING-33-48-014-7825-050 Datasheet
501Kb / 2P
ix Ind. - DB RJ45 Cat.6A FRNC red 5,0m
33-48-010-1825-075 HARTING-33-48-010-1825-075 Datasheet
494Kb / 2P
ix Industrial A Cat.6A FRNC red 7,5m
33-48-010-1825-050 HARTING-33-48-010-1825-050 Datasheet
494Kb / 2P
ix Industrial A Cat.6A FRNC red 5,0m
33-48-010-1825-030 HARTING-33-48-010-1825-030 Datasheet
494Kb / 2P
ix Industrial A Cat.6A FRNC red 3,0m
33-48-010-1825-020 HARTING-33-48-010-1825-020 Datasheet
494Kb / 2P
ix Industrial A Cat.6A FRNC red 2,0m
33-48-010-1825-010 HARTING-33-48-010-1825-010 Datasheet
494Kb / 2P
ix Industrial A Cat.6A FRNC red 1,0m
33-48-010-1825-005 HARTING-33-48-010-1825-005 Datasheet
494Kb / 2P
ix Industrial A Cat.6A FRNC red 0,5m
logo
SparkFun Electronics
PRT-08023 SPARKFUN-PRT-08023 Datasheet
95Kb / 1P
Hook-up Wire - Red (22 AWG)
3/28/2017
PRT-08865 SPARKFUN-PRT-08865 Datasheet
97Kb / 1P
Hook-up Stranded Wire - Red (22 AWG)
3/28/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com