Electronic Components Datasheet Search
  English  ▼

X  

1AS1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 1AS1
Description  1A Series Sealed Toggle Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1AS1 Datasheet(HTML) 1 Page - Multicomp Pro

  1AS1 Datasheet HTML 1Page - Multicomp Pro 1AS1 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
29/06/20
1A Series
Sealed Toggle Switch
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Contact Rating
: 0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
Mechanical Life
: 30,000 make-and-break cycles
Contact Resistance
: 10mΩ max. initial @ 2-4V DC
100mA for gold plated contacts
Insulation Resistance
: 1,000MΩ min.
Dielectric Strength
: 1,000Vrms min.@sea level
Operating Temperature
: -30°C to 85°C
Materials
Case & Bushing
: Glass filled nylon 6/6, flame retardant, heat stabilized
Actuator
: Brass,chrome plated with internal,O-ring seal standard
Switch Support
: Brass or steel,tin plated
Contact / Terminals
: Gold plated
Switch Function
No. Poles
Model No.
Switch Function
Connected Terminals / Schematic
Pos. 1
Pos. 2
Pos. 3
Pos. 1
Pos. 2
Pos. 2
SP
1AS1
On
None
On
NA
Actuator Option
Bushing Option
Standard with M7 terminations.
Standard for M7 terminations.
Dimensions : Inches (Millimetres)


Similar Part No. - 1AS1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
1AS12VDC.9D CIT-1AS12VDC.9D Datasheet
111Kb / 2P
Low coil power consumption
1AS12VDC.9R CIT-1AS12VDC.9R Datasheet
111Kb / 2P
Low coil power consumption
1AS12VDC1.3D CIT-1AS12VDC1.3D Datasheet
111Kb / 2P
Low coil power consumption
1AS12VDC1.3R CIT-1AS12VDC1.3R Datasheet
111Kb / 2P
Low coil power consumption
logo
Multicomp Pro
1AS1T2B4M6RE MULTICOMP-1AS1T2B4M6RE Datasheet
348Kb / 2P
Toggle Switch
18/11/20 V1.0
More results

Similar Description - 1AS1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
Sealed Subminiature Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
Sealed Miniature Toggle Switches
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
Sealed Subminiature Toggle Switches
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
Sealed Toggle Switches
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
Sealed Toggle Switches
logo
C&K Components
GT11MSCBE CK-COMPONENTS-GT11MSCBE Datasheet
419Kb / 5P
Sealed Ultraminiature Toggle Switches
logo
Littelfuse
54100 LITTELFUSE-54100 Datasheet
545Kb / 2P
54100 SERIES TOGGLE SWITCH
2019 Rev:021219
logo
C&K Components
PT CK-COMPONENTS-PT Datasheet
541Kb / 4P
Sealed Power Toggle Switch
22 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com