Electronic Components Datasheet Search
  English  ▼

X  

BC461 Datasheet(PDF) 1 Page - Multicomp Pro

Part # BC461
Description  Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC461 Datasheet(HTML) 1 Page - Multicomp Pro

  BC461 Datasheet HTML 1Page - Multicomp Pro BC461 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.1
24/09/19
Medium Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
• High performance, low frequency devices typically with current
ratings 2A. Up to 1W power dissipation
• PNP Epitaxial Planar Silicon Transistors
Absolute Maximum Ratings:
(Ta = 25°C unless otherwise specified)
Characteristic
Symbol
Value
Unit
Collector-Emitter Voltage
Ib=0
V
CEO (sus)
60
V
Collector-Emitter Voltage R
BE = 100Ω
V
CER
75
Emitter-Base Voltage
V
EBO
5
Collector Current
Ic
1
A
Collector Peak Current
I
CM
2
Base Current
I
B
0.5
Power Dissipation at Ta = 25°C
at Tc = 25°C
P
tot
1
10
W
Operating Storage Temperature Range
T
J, Tstg
-65 to +200
°C
Thermal Resistance
Junction to Ambient
R
th(j-a)
17.5
°C/W
Junction to Case
R
th(j-c)
Pin Configuration
1. Emitter
2. Base
3. Collector


Similar Part No. - BC461

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC461 MICRO-ELECTRONICS-BC461 Datasheet
128Kb / 2P
COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC461 CENTRAL-BC461 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BC461 SEME-LAB-BC461 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
Continental Device Indi...
BC461 CDIL-BC461 Datasheet
92Kb / 2P
PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BC461 NJSEMI-BC461 Datasheet
87Kb / 1P
SILICON PLANAR
More results

Similar Description - BC461

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com