Electronic Components Datasheet Search
  English  ▼

X  

TL2575 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL2575
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 1 Page - Texas Instruments

  TL2575_08 Datasheet HTML 1Page - Texas Instruments TL2575_08 Datasheet HTML 2Page - Texas Instruments TL2575_08 Datasheet HTML 3Page - Texas Instruments TL2575_08 Datasheet HTML 4Page - Texas Instruments TL2575_08 Datasheet HTML 5Page - Texas Instruments TL2575_08 Datasheet HTML 6Page - Texas Instruments TL2575_08 Datasheet HTML 7Page - Texas Instruments TL2575_08 Datasheet HTML 8Page - Texas Instruments TL2575_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
OUTPUT
NC
GND
NC
FEEDBACK
NC
VIN
NC
NC
GND
GND
NC
NC
ON/OFF
N (PDIP) PACKAGE
(TOP VIEW)
KTT (TO-263) PACKAGE
(TOP VIEW)
1
2
3
4
5
ON/OFF
FEEDBACK
GND
OUTPUT
VIN
ON/OFF
FEEDBACK
GND
OUTPUT
VIN
1
2
3
4
5
KV (TO-220 STAGGERED LEADS) PACKAGE
(TOP VIEW)
(SIDE VIEW)
Pins 1, 3, 5
Pins 2, 4
NC − No internal connection
DESCRIPTION/ORDERING INFORMATION
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
• Fixed 3.3-V, 5-V, 12-V, and 15-V Options With
±5% Regulation (Max) Over Line, Load, and
Temperature Conditions
• Adjustable Option With a Range of 1.23 V to
37 V (57 V for HV Version) and
±4%
Regulation (Max) Over Line, Load, and
Temperature Conditions
• Specified 1-A Output Current
• Wide Input Voltage Range…4.75 V to 40 V
(60 V for HV Version)
• Require Only Four External Components
(Fixed Versions) and Use Readily Available
Standard Inductors
• 52-kHz (Typ) Fixed-Frequency Internal
Oscillator
• TTL Shutdown Capability With 50-µA (Typ)
Standby Current
• High Efficiency…as High as 88% (Typ)
• Thermal Shutdown and Current-Limit
Protection With Cycle-by-Cycle Current
Limiting
• Simple High-Efficiency Step-Down (Buck)
Regulators
• Pre-Regulators for Linear Regulators
• On-Card Switching Regulators
• Positive-to-Negative Converters (Buck-Boost)
The TL2575 and TL2575HV greatly simplify the design of switching power supplies by conveniently providing all
the active functions needed for a step-down (buck) switching regulator in an integrated circuit. Accepting a wide
input voltage range of up to 60 V (HV version) and available in fixed output voltages of 3.3 V, 5 V, 12 V, 15 V, or
an adjustable-output version, the TL2575 and TL2575HV have an integrated switch capable of delivering 1 A of
load current, with excellent line and load regulation. The device also offers internal frequency compensation, a
fixed-frequency oscillator, cycle-by-cycle current limiting, and thermal shutdown. In addition, a manual shutdown
is available via an external ON/OFF pin.
The TL2575 and TL2575HV represent superior alternatives to popular three-terminal linear regulators. Due to
their high efficiency, the devices significantly reduce the size of the heatsink and, in many cases, no heatsink is
required. Optimized for use with standard series of inductors available from several different manufacturers, the
TL2575 and TL2575HV greatly simplify the design of switch-mode power supplies by requiring a minimal
addition of only four to six external components for operation.
The TL2575 and TL2575HV are characterized for operation over the virtual junction temperature range of –40
°C
to 125
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD, PowerFLEX are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL2575_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05I TI-TL2575-05I Datasheet
957Kb / 28P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05I TI-TL2575-05I Datasheet
963Kb / 31P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05IKTTR TI-TL2575-05IKTTR Datasheet
2Mb / 23P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05IKTTR TI-TL2575-05IKTTR Datasheet
957Kb / 28P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

Similar Description - TL2575_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
TL2575 TI-TL2575 Datasheet
2Mb / 23P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
1-A Simple Step-Down Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com