Electronic Components Datasheet Search
  English  ▼

X  

MF12 Datasheet(PDF) 16 Page - Multicomp Pro

Part # MF12
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF12 Datasheet(HTML) 16 Page - Multicomp Pro

Back Button MF12 Datasheet HTML 12Page - Multicomp Pro MF12 Datasheet HTML 13Page - Multicomp Pro MF12 Datasheet HTML 14Page - Multicomp Pro MF12 Datasheet HTML 15Page - Multicomp Pro MF12 Datasheet HTML 16Page - Multicomp Pro MF12 Datasheet HTML 17Page - Multicomp Pro MF12 Datasheet HTML 18Page - Multicomp Pro MF12 Datasheet HTML 19Page - Multicomp Pro MF12 Datasheet HTML 20Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Page <16>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 250mW 1% 620R
MF25 620R
Resistor, 250mW 1% 62K
MF25 62K
Resistor, 250mW 1% 62R
MF25 62R
Resistor, 250mW 1% 680K
MF25 680K
Resistor, 680R, 250mW, 1%
MF25 680R
Resistor, 68K, 250mW, 1%
MF25 68K
Resistor, 250mW 1% 68K
MF25 68K.
Resistor, 68R, 250mW, 1%
MF25 68R
Resistor, 250mW 1% 6K2
MF25 6K2
Resistor, 250mW 1% 6K2
MF25 6K2.
Resistor, 6.8K, 250mW, 1%
MF25 6K8
Resistor, 250mW 1% 6R8
MF25 6R8
Resistor, 250mW 1% 6R8
MF25 6R8.
Resistor, 250mW 1% 750K
MF25 750K
Resistor, 250mW 1% 750R
MF25 750R
Resistor, 250mW 1% 75K
MF25 75K
Resistor, 250mW 1% 75K
MF25 75K.
Resistor, 250mW 1% 75R
MF25 75R
Resistor, 250mW 1% 75R
MF25 75R.
Resistor, 250mW 1% 7K5
MF25 7K5
Resistor, 250mW 1% 820K
MF25 820K
Resistor, 250mW 1% 820R
MF25 820R
Resistor, 250mW 1% 82K
MF25 82K
Resistor, 250mW 1% 82K
MF25 82K.
Resistor, 250mW 1% 82R
MF25 82R
Resistor, 250mW 1% 82R
MF25 82R.
Resistor, 8.2K, 250mW, 1%
MF25 8K2
Resistor, 250mW 1% 910K
MF25 910K
Resistor, 250mW 1% 910K
MF25 910K.
Resistor, 250mW 1% 910R
MF25 910R
Resistor, 250mW 1% 910R
MF25 910R.
Resistor, 250mW 1% 91K
MF25 91K
Resistor, 250mW 1% 91K
MF25 91K.
Resistor, 250mW 1% 91R
MF25 91R
Resistor, 250mW 1% 9K1
MF25 9K1
Resistor, 100K, 500mW, 1%
MF50 100K
Resistor, 500mW 1% 100K
MF50 100K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com