Electronic Components Datasheet Search
  English  ▼

X  

MF25 Datasheet(PDF) 3 Page - Multicomp Pro

Part # MF25
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF25 Datasheet(HTML) 3 Page - Multicomp Pro

  MF25 Datasheet HTML 1Page - Multicomp Pro MF25 Datasheet HTML 2Page - Multicomp Pro MF25 Datasheet HTML 3Page - Multicomp Pro MF25 Datasheet HTML 4Page - Multicomp Pro MF25 Datasheet HTML 5Page - Multicomp Pro MF25 Datasheet HTML 6Page - Multicomp Pro MF25 Datasheet HTML 7Page - Multicomp Pro MF25 Datasheet HTML 8Page - Multicomp Pro MF25 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Page <3>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Current Noise Level
Part Number Table
Description
Part Number
Resistor, 100R, 250mW 0.5% 50PPM MCMF0W4DF1000A50
Resistor, 1K0, 250mW 0.5% 50PPM
MCMF0W4DF1001A50
Resistor, 10K0, 250mW 0.5% 50PPM MCMF0W4DF1002A50
Resistor, 100K, 250MW, 0.5%
MCMF0W4DF1003A50
Resistor, 1K05, 250mW 0.5% 50PPM MCMF0W4DF1051A50
Resistor, 10K5, 250mW 0.5% 50PPM MCMF0W4DF1052A50
Resistor, 105K, 250mW 0.5% 50PPM MCMF0W4DF1053A50
Resistor, 110R, 250mW 0.5% 50PPM MCMF0W4DF1100A50
Resistor, 1K10, 250mW 0.5% 50PPM MCMF0W4DF1101A50
Resistor, 11K0, 250mW 0.5% 50PPM MCMF0W4DF1102A50
Resistor, 110K, 250mW 0.5% 50PPM MCMF0W4DF1103A50
Resistor, 1K15, 250mW 0.5% 50PPM MCMF0W4DF1151A50
Resistor, 11K5, 250mW 0.5% 50PPM MCMF0W4DF1152A50
Resistor, 115K, 250mW 0.5% 50PPM MCMF0W4DF1153A50
Resistor, 121R, 250mW 0.5% 50PPM MCMF0W4DF1210A50
Resistor, 1K21, 250mW 0.5% 50PPM MCMF0W4DF1211A50
Resistor, 12K1, 250mW 0.5% 50PPM MCMF0W4DF1212A50
Resistor, 121K, 250mW 0.5% 50PPM MCMF0W4DF1213A50
Resistor, 127R, 250mW 0.5% 50PPM MCMF0W4DF1270A50
Resistor, 1K27, 250mW 0.5% 50PPM MCMF0W4DF1271A50
Resistor, 127K, 250mW 0.5% 50PPM MCMF0W4DF1273A50
Resistor, 133R, 250mW 0.5% 50PPM MCMF0W4DF1330A50
Resistor, 1K33, 250mW 0.5% 50PPM MCMF0W4DF1331A50
Resistor, 13K3, 250mW 0.5% 50PPM MCMF0W4DF1332A50
Resistor, 133K, 250mW 0.5% 50PPM MCMF0W4DF1333A50
Resistor, 140R, 250mW 0.5% 50PPM MCMF0W4DF1400A50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com