Electronic Components Datasheet Search
  English  ▼

X  

TL2575 Datasheet(PDF) 10 Page - Texas Instruments

Part # TL2575
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL2575 Datasheet HTML 6Page - Texas Instruments TL2575 Datasheet HTML 7Page - Texas Instruments TL2575 Datasheet HTML 8Page - Texas Instruments TL2575 Datasheet HTML 9Page - Texas Instruments TL2575 Datasheet HTML 10Page - Texas Instruments TL2575 Datasheet HTML 11Page - Texas Instruments TL2575 Datasheet HTML 12Page - Texas Instruments TL2575 Datasheet HTML 13Page - Texas Instruments TL2575 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
30
40
50
60
VIN – Input Voltage – V
ILOAD = 200 mA
TJ = 25°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
TA – Temperature – °C
VIN = 20 V
ILOAD = 200 mA
TJ = 25°C
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-40 -25 -10
5
20
35
50
65
80
95 110 125
TJ – Junction Temperature – °C
D
W
V
= 5%
R
= 0.2
OUT
IND
I
= 1 A
LOAD
I
= 200 mA
LOAD
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
Figure 3. Normalized Output Voltage
Figure 4. Line Regulation
Figure 5. Dropout Voltage
Figure 6. Current Limit
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com