Electronic Components Datasheet Search
  English  ▼

X  

MF50 Datasheet(PDF) 5 Page - Multicomp Pro

Part # MF50
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 Datasheet(HTML) 5 Page - Multicomp Pro

  MF50 Datasheet HTML 1Page - Multicomp Pro MF50 Datasheet HTML 2Page - Multicomp Pro MF50 Datasheet HTML 3Page - Multicomp Pro MF50 Datasheet HTML 4Page - Multicomp Pro MF50 Datasheet HTML 5Page - Multicomp Pro MF50 Datasheet HTML 6Page - Multicomp Pro MF50 Datasheet HTML 7Page - Multicomp Pro MF50 Datasheet HTML 8Page - Multicomp Pro MF50 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Page <5>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 226R, 250mW 0.5% 50PPM MCMF0W4DF2260A50
Resistor, 2K26, 250mW 0.5% 50PPM MCMF0W4DF2261A50
Resistor, 22K6, 250mW 0.5% 50PPM MCMF0W4DF2262A50
Resistor, 226K, 250mW 0.5% 50PPM MCMF0W4DF2263A50
Resistor, 237R, 250mW 0.5% 50PPM MCMF0W4DF2370A50
Resistor, 2K37, 250mW 0.5% 50PPM MCMF0W4DF2371A50
Resistor, 23K7, 250mW 0.5% 50PPM MCMF0W4DF2372A50
Resistor, 237K, 250mW 0.5% 50PPM MCMF0W4DF2373A50
Resistor, 249R, 250mW 0.5% 50PPM MCMF0W4DF2490A50
Resistor, 2K49, 250mW 0.5% 50PPM MCMF0W4DF2491A50
Resistor, 24K9, 250mW 0.5% 50PPM MCMF0W4DF2492A50
Resistor, 249K, 250mW 0.5% 50PPM MCMF0W4DF2493A50
Resistor, 261R, 250mW 0.5% 50PPM MCMF0W4DF2610A50
Resistor, 2K61, 250mW 0.5% 50PPM MCMF0W4DF2611A50
Resistor, 26K1, 250mW 0.5% 50PPM MCMF0W4DF2612A50
Resistor, 261K, 250mW 0.5% 50PPM MCMF0W4DF2613A50
Resistor, 26R1, 250mW 0.5% 50PPM MCMF0W4DF261JA50
Resistor, 274R, 250mW 0.5% 50PPM MCMF0W4DF2740A50
Resistor, 2K74, 250mW 0.5% 50PPM MCMF0W4DF2741A50
Resistor, 27K4, 250mW 0.5% 50PPM MCMF0W4DF2742A50
Resistor, 274K, 250mW 0.5% 50PPM MCMF0W4DF2743A50
Resistor, 27R7, 250mW 0.5% 50PPM MCMF0W4DF277JA50
Resistor, 287R, 250mW 0.5% 50PPM MCMF0W4DF2870A50
Resistor, 2K87, 250mW 0.5% 50PPM MCMF0W4DF2871A50
Resistor, 28K7, 250mW 0.5% 50PPM MCMF0W4DF2872A50
Resistor, 287K, 250mW 0.5% 50PPM MCMF0W4DF2873A50
Resistor, 28R7, 250mW 0.5% 50PPM MCMF0W4DF287JA50
Resistor, 301R, 250mW 0.5% 50PPM MCMF0W4DF3010A50
Resistor, 3K01, 250mW 0.5% 50PPM MCMF0W4DF3011A50
Resistor, 30K1, 250mW 0.5% 50PPM MCMF0W4DF3012A50
Resistor, 301K, 250mW 0.5% 50PPM MCMF0W4DF3013A50
Resistor, 30R1, 250mW 0.5% 50PPM MCMF0W4DF301JA50
Resistor, 316R, 250mW 0.5% 50PPM MCMF0W4DF3160A50
Resistor, 3K16, 250mW 0.5% 50PPM MCMF0W4DF3161A50
Resistor, 31K6, 250mW 0.5% 50PPM MCMF0W4DF3162A50
Resistor, 316K, 250mW 0.5% 50PPM MCMF0W4DF3163A50
Resistor, 31R6, 250mW 0.5% 50PPM MCMF0W4DF316JA50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com